Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3000 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA3000
Description  ADAPTER, SMA-F/MMCX-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA3000 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA3000 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant 
C
CONNECTOR
SMA FEMALE
NOTES:
ELECTRICAL:
C
VOLTAGE RATING: 335 VOLTS PEAK
FREQUENCY RANGE: DC ~ 6 GHz
IMPEDANCE: 50 OHM
MISCELLANEOUS:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
GOLD OVER NICKEL PLATE
INSULATOR
PTFE
-
CONTACTS
BRASS
GOLD OVER NICKEL PLATE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
8/16/07
43321
A
PROJECTION
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
MAY OCCUR
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
A
1
BA3000.SLDDRW
1
BA3000
J.ROBERTS
ECN 5218: CREATE MODEL, NEW DRAWING FORMAT
8/16/07
REVISIONS
DESCRIPTION
APPROVED
REV
K.BURGNER
12/17/10
8/13/07
8
C
DATE
ECN 3104: MMCX FEMALE WAS MMCX MALE
12/7/07
R.POLUBINSKI
D.CASTRO
B
12/17/10
C
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
R.POLUBINSKI
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
ADAPTER, SMA-F/MMCX-F
INITIAL RELEASE
COAXIAL
COLOR VARIATIONS
NORTH ANDOVER, MA
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
1/4-36 UNEF-2A
.52
13.1
.40
10.3
MMCX FEMALE
CONNECTOR
.32
8.0


Similar Part No. - BA3000

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA3001 L-COM-BA3001 Datasheet
193Kb / 1P
BNC JACK TO TNC PLUG ADAPTER
08/16/07
BA3002 L-COM-BA3002 Datasheet
62Kb / 1P
ADAPTER, BNC-M/TNC-F RA
8/6/07
More results

Similar Description - BA3000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
logo
Vitesse Semiconductor C...
SD799-3 VITESSE-SD799-3 Datasheet
40Kb / 1P
ADAPTER, F-F, C
logo
Winchester Electronics ...
SD1209-1-15-MA9 WINCHESTER-SD1209-1-15-MA9 Datasheet
245Kb / 1P
ADAPTER, M-F N-SMA
logo
Mini-Circuits
SF-SMRP50 MINI-SF-SMRP50 Datasheet
215Kb / 2P
Adapter SMA-F to SMA-MRP
SMPF-SF50 MINI-SMPF-SF50 Datasheet
204Kb / 2P
Adapter SMP-F to SMA-F
SF-SFRP50 MINI-SF-SFRP50 Datasheet
325Kb / 2P
Adapter SMA-F to SMA-FRP
logo
PHOENIX CONTACT
2884538 PHOENIX-2884538 Datasheet
46Kb / 2P
Adapter - RAD-ADP-RSMA/F-SMA/F
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/F
logo
Amphenol SV Microwave
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
SMA F TO SMA F STR. ADAPTER
04/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com