Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA907 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA907
Description  "F" JACK TO RCA PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA907 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA907 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.47 37.3
3/8-32 UNEF
NOTES:
MATERIAL: NICKEL PLATED BRASS
INSULATION: DELRIN
"F" JACK
RCA PHONO PLUG
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA907
C
BA907.SLDDRW
1
1
MCCORMICK
11/20/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
11/20/01
11/20/01
11/20/01
A
B
RELEASED FOR PRODUCTION
REMOVED LENGTH OF BODY DIMENSION
9/11/02
MCCORMICK
R. CARRICK
C
ECN 3134: UPDATE DWG FORMAT
12/31/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
"F" JACK TO RCA PLUG
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA907

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA90 L-COM-BA90 Datasheet
49Kb / 1P
ADAPTER RCA M/BNC F
3/12/200
logo
List of Unclassifed Man...
BA9026 ETC1-BA9026 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA90263AC503 ETC1-BA90263AC503 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA9040 ETC2-BA9040 Datasheet
153Kb / 2P
Monitoring technique
BA904012003AC230V50HZ ETC2-BA904012003AC230V50HZ Datasheet
153Kb / 2P
Monitoring technique
More results

Similar Description - BA907

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Pasternack Enterprises,...
PE9163 PASTERNACK-PE9163 Datasheet
235Kb / 2P
75 Ohm F Female to RCA Plug Adapter
PE9168 PASTERNACK-PE9168 Datasheet
235Kb / 2P
75 Ohm F Female to RCA Jack Adapter
logo
Assmann Electronics Inc...
AK-AV206-R ASSMANN-AK-AV206-R Datasheet
86Kb / 1P
RCA 2 Plug to RCA 2 Jack Cable
logo
CUI INC
RCJ-21XX CUI-RCJ-21XX Datasheet
159Kb / 3P
RCA JACK
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA05RCAB SWITCH-RCA05RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com