Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC354 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC354
Description  8 CHANNEL MULTIPLEXER/REGISTER 3 STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC354 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC354 Datasheet HTML 1Page - STMicroelectronics M54HC354 Datasheet HTML 2Page - STMicroelectronics M54HC354 Datasheet HTML 3Page - STMicroelectronics M54HC354 Datasheet HTML 4Page - STMicroelectronics M54HC354 Datasheet HTML 5Page - STMicroelectronics M54HC354 Datasheet HTML 6Page - STMicroelectronics M54HC354 Datasheet HTML 7Page - STMicroelectronics M54HC354 Datasheet HTML 8Page - STMicroelectronics M54HC354 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC354
M74HC354
April 1993
8 CHANNEL MULTIPLEXER/REGISTER (3 STATE)
B1R
(Plastic Package)
ORDER CODES :
M54HC354F1R
M74HC354M1R
M74HC354B1R
M74HC354C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 24 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
15 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
|IOH|= IOL = 6 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS354
The M54/74HC354 is a high speed CMOS 8-CHAN-
NEL MULTIPLEXER/REGISTER (3-state) fabri-
cated in silicon gate C
2MOS technology. It has the
same high speed performance of LSTTL combined
with true CMOS low consumption.
This device contains an 8 channel digital multiplexer
with an 8-bit input data register and a 3-bit address
input register with 3-state outputs. The one of eight
input data will be provided on the Y output pin (non-
inverted output) and W output pin (inverted output)
determined by the address data.
The information at the data inputs (D0 to D7) is
stored in the 8-bit latch at the negative pulse on DC
input. The information at the address inputs (S0 to
S2) is stored in the 3-bit latch at the negative pulse
on SC input. These outputs are disabled to be high-
impedance when input G1 is held high, input G2 is
held high or input G3 is held low. This device is suit-
able for interfacing with bus lines in a bus organized
system.
The M54/74HC354 is similar in function to the
M54/74HC356, which has an 8-bit flip-flop as the
data register instead of an 8-bit latch. All inputs are
equipped with protection circuits against static dis-
charge and transient excess voltage.
1/12


Similar Part No. - M54HC354

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC352 STMICROELECTRONICS-M54HC352 Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
M54HC352B1R STMICROELECTRONICS-M54HC352B1R Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
M54HC352C1R STMICROELECTRONICS-M54HC352C1R Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
M54HC352F1R STMICROELECTRONICS-M54HC352F1R Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
M54HC352M1R STMICROELECTRONICS-M54HC352M1R Datasheet
258Kb / 11P
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV.
Oct-1993
More results

Similar Description - M54HC354

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC354 PHILIPS-74HC354 Datasheet
82Kb / 14P
8-input multiplexer/register with transparent latches; 3-state
December 1990
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
8-input multiplexer/register; 3-state
December 1990
logo
STMicroelectronics
M54HC356 STMICROELECTRONICS-M54HC356 Datasheet
271Kb / 12P
WITH LATCHES 3-STATE 8 CHANNEL MULTIPLEXER/REGISTER
Jan-1993
logo
Texas Instruments
CD54-74HC354 TI-CD54-74HC354 Datasheet
304Kb / 11P
HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP Datasheet
264Kb / 6P
8 CHANNEL MULTIPLEXER (3 STATE)
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
8-Channel Multiplexer (3-state)
logo
STMicroelectronics
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M74HC251 STMICROELECTRONICS-M74HC251 Datasheet
379Kb / 11P
8-CHANNEL MULTIPLEXER (3-STATE)
Jul-2001
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com