Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2004D1013TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ULN2004D1013TR
Description  Seven darlington array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2004D1013TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ULN2004D1013TR Datasheet HTML 6Page - STMicroelectronics ULN2004D1013TR Datasheet HTML 7Page - STMicroelectronics ULN2004D1013TR Datasheet HTML 8Page - STMicroelectronics ULN2004D1013TR Datasheet HTML 9Page - STMicroelectronics ULN2004D1013TR Datasheet HTML 10Page - STMicroelectronics ULN2004D1013TR Datasheet HTML 11Page - STMicroelectronics ULN2004D1013TR Datasheet HTML 12Page - STMicroelectronics ULN2004D1013TR Datasheet HTML 13Page - STMicroelectronics ULN2004D1013TR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ULN200xA - ULN200xD1
Package mechanical data
11/14
Table 5.
SO-16 Narrow mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25
0.004
0.009
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45°
(typ.)
D(1)
9.8
10
0.386
0.394
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F(1)
3.8
4.0
0.150
0.157
G
4.60
5.30
0.181
0.208
L
0.4
1.27
0.150
0.050
M
0.62
0.024
S
8° (max.)
Figure 15.
Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com