Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRSF3243IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TRSF3243IPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRSF3243IPWR Datasheet(HTML) 2 Page - Texas Instruments

  TRSF3243IPWR Datasheet HTML 1Page - Texas Instruments TRSF3243IPWR Datasheet HTML 2Page - Texas Instruments TRSF3243IPWR Datasheet HTML 3Page - Texas Instruments TRSF3243IPWR Datasheet HTML 4Page - Texas Instruments TRSF3243IPWR Datasheet HTML 5Page - Texas Instruments TRSF3243IPWR Datasheet HTML 6Page - Texas Instruments TRSF3243IPWR Datasheet HTML 7Page - Texas Instruments TRSF3243IPWR Datasheet HTML 8Page - Texas Instruments TRSF3243IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
FUNCTION TABLES
TRSF3243
3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS862 – AUGUST 2007
Flexible control options for power management are available when the serial port is inactive. The
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232 signal, the driver outputs are disabled. If FORCEOFF is
set low, both drivers and receivers (except ROUT2B) are shut off, and the supply current is reduced to 1
μA.
Disconnecting the serial port or turning off the peripheral drivers causes the auto-powerdown condition to occur.
Auto-powerdown can be disabled when FORCEON and FORCEOFF are high and should be done when driving
a serial mouse. With auto-powerdown enabled, the device is activated automatically when a valid signal is
applied to any receiver input. The INVALID output is used to notify the user if an RS-232 signal is present at any
receiver input. INVALID is high (valid data) if any receiver input voltage is greater than 2.7 V or less than –2.7 V
or has been between –0.3 V and 0.3 V for less than 30
μs. INVALID is low (invalid data) if all receiver input
voltages are between –0.3 V and 0.3 V for more than 30
μs. Refer to Figure 5 for receiver input levels.
EACH DRIVER(1)
INPUTS
OUTPUT
VALID RIN
DRIVER STATUS
DOUT
DIN
FORCEON
FORCEOFF
RS-232
LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown disabled
H
H
H
X
L
L
L
H
Yes
H
Normal operation with
auto-powerdown enabled
H
L
H
Yes
L
L
L
H
No
Z
Powered off by auto-powerdown
feature
H
L
H
No
Z
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
EACH RECEIVER(1)
INPUTS
OUTPUTS
VALID RIN
RECEIVER STATUS
RIN1,
RIN2
FORCEOFF
RS-232
ROUT2B
ROUT
RIN3–RIN5
LEVEL
L
X
L
X
L
Z
Powered off while
ROUT2B is active
H
X
L
X
H
Z
L
L
H
Yes
L
H
L
H
H
Yes
L
L
Normal operation with
H
L
H
Yes
H
H
auto-powerdown
disabled/enabled
H
H
H
Yes
H
L
Open
Open
H
No
L
H
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance (off), Open = input disconnected or
connected driver off
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com