Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1203 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203 Datasheet(HTML) 2 Page - Texas Instruments

  AMC1203 Datasheet HTML 1Page - Texas Instruments AMC1203 Datasheet HTML 2Page - Texas Instruments AMC1203 Datasheet HTML 3Page - Texas Instruments AMC1203 Datasheet HTML 4Page - Texas Instruments AMC1203 Datasheet HTML 5Page - Texas Instruments AMC1203 Datasheet HTML 6Page - Texas Instruments AMC1203 Datasheet HTML 7Page - Texas Instruments AMC1203 Datasheet HTML 8Page - Texas Instruments AMC1203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
AMC1203
SBAS427 – FEBRUARY 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
AMC1203DUB
Tube, 50
SO-8 Gull-Wing
DUB
–40
°C to +105°C
AMC1203
AMC1203DUBR
Tape and Reel, 700
AMC1203PSA
Tube, 80
AMC1203
SO-8(2)
PSA
–40
°C to +105°C
TBD
AMC1203PSAR
Tape and Reel, 2000
AMC1203DW
Tube, 40
SO-16(2)
DW
–40
°C to +105°C
TBD
AMC1203DWR
Tape and Reel, 2000
AMC1203BDUB
Tube, 50
SO-8 Gull-Wing
DUB
–40
°C to +105°C
AMC1203
AMC1203BDUBR
Tape and Reel, 700
AMC1203BPSA
Tube, 80
AMC1203B
SO-8(2)
PSA
–40
°C to +105°C
TBD
AMC1203BPSAR
Tape and Reel, 2000
AMC1203BDW
Tube, 40
SO-16(2)
DW
–40
°C to +105°C
TBD
AMC1203BDWR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
SO-8 and SO-16 packages available in 2008.
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
AMC1203
UNIT
Supply voltage, VDD1 to GND1 or VDD2 to GND2
–0.3 to +6
V
Analog input voltage at VIN+, VIN–
GND1 – 0.3 to VDD1 + 0.3
V
Input current to any pin except supply pins
±10
mA
Continuous total power dissipation
See Dissipation Ratings Table
Maximum junction temperature, TJ
+150
°C
Human body model (HBM)
±3000
V
JEDEC standard 22, test method A114-C.01
Charged device Model (CDM)
Electrostatic discharge (ESD), all pins
±1500
V
JEDEC standard 22, test method C101
Machine Model (MM)
±200
V
JEDEC standard 22, test method A115A
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under the Recommended Operating
Conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AMC1203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com