Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VD10A/C Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # RN5VD10A/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RN5VD10A/C Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  RN5VD10A/C Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. RN5VD10A/C Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
RN5VD
2
BLOCK DIAGRAMS
RN5VDxxA
RN5VDxxC
GND
VDD
-
+
Vref
OUT
RD
CD
GND
VDD
-
+
Vref
OUT
RD
CD
SELECTION GUIDE
The detector threshold, and the output type for the ICs can be selected at the users’ request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
RN5VDxx∗A-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
xx: The detector threshold can be designated in the range from 0.9V(09) to 6.0V(60) in 0.1V steps.
∗
: Designation of Output Type
(A) Nch Open Drain
(C) CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com