Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN5VD11A/C Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # RN5VD11A/C
Description  LOW VOLTAGE DETECTOR WITH OUTPUT DELAY
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

RN5VD11A/C Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button RN5VD11A/C Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. RN5VD11A/C Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. RN5VD11A/C Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. RN5VD11A/C Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. RN5VD11A/C Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. RN5VD11A/C Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. RN5VD11A/C Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. RN5VD11A/C Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. RN5VD11A/C Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
RN5VD
21
0246
8
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RN5VD45C
Input Voltage VIN(V)
–0.5V
–1.5V
VDS =–2.1V
–1.0V
7) CD pin Threshold Voltage vs. Temperature
–40
–200
20406080
0.2
0.3
0.4
0.5
0.6
0.7
0.8
RN5VD09x
Temperature Topt(˚C)
VDD=0.99V
–40
–200
20406080
1.2
1.3
1.4
1.5
1.6
1.7
1.8
RN5VD27x
Temperature Topt(˚C)
VDD=2.97V
–40
–200
20406080
2.2
2.3
2.4
2.5
2.6
2.7
2.8
RN5VD45x
Temperature Topt(˚C)
VDD=4.95V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com