Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPP-CON250 Datasheet(PDF) 13 Page - ABB

Part # EPP-CON250
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-CON250 Datasheet(HTML) 13 Page - ABB

Back Button EPP-CON250 Datasheet HTML 9Page - ABB EPP-CON250 Datasheet HTML 10Page - ABB EPP-CON250 Datasheet HTML 11Page - ABB EPP-CON250 Datasheet HTML 12Page - ABB EPP-CON250 Datasheet HTML 13Page - ABB EPP-CON250 Datasheet HTML 14Page - ABB EPP-CON250 Datasheet HTML 15Page - ABB EPP-CON250 Datasheet HTML 16Page - ABB EPP-CON250 Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
—
With its breaking capacity of 10/15kA in only one module width
and 115 mm height, DSE201 M series is the perfect solution for a
complete protection in commercial and industrial applications,
where space optimization is required.
13
K E Y M O D U L A R CO M P O N EN T S - DSE 2 01 M - CO M PAC T D E S I G N , EN H A N C ED P R OT EC T I O N
Device status at a glance
Earth fault indicator: blue window above the toggle to
immediately detect and identify any earth fault trip,
reducing downtime for maintenance. Contact position
indicator (CPI): green/red window below the toggle to
identify the real position of the contacts independently on
the toggle position.
Load side
The load side terminal accepts cables, both rigid and flexible
up to 16 mm2. Flying leads are straight instead of pigtail
ones to reduce the space required for wiring operations.
Double slot terminal
Easy to install, , fail-safe line side, terminal to avoid
improper connection. Two slots of different dimensions
(35 mm2 and 10 mm2) available to allow the connection both
with cables and busbars.
Easy and flexible
Double and bistable clips with a new design for a secure
fixing in any type of consumer unit or distribution board.
Easy removal from a cluster of RCBOs/MCBs supplied
with busbars.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com