Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC393 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HC393
Description  M54HC390F1R M74HC390M1R M74HC390B1R M74HC390C1R
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC393 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HC393 Datasheet HTML 1Page - STMicroelectronics M54HC393 Datasheet HTML 2Page - STMicroelectronics M54HC393 Datasheet HTML 3Page - STMicroelectronics M54HC393 Datasheet HTML 4Page - STMicroelectronics M54HC393 Datasheet HTML 5Page - STMicroelectronics M54HC393 Datasheet HTML 6Page - STMicroelectronics M54HC393 Datasheet HTML 7Page - STMicroelectronics M54HC393 Datasheet HTML 8Page - STMicroelectronics M54HC393 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUTS
OUTPUS
CLOCK
CLEAR
QD
QC
QB
QA
X
H
LLLL
L
COUNT UP
L
NO CHANGE
X: Don’t Care
COUNT
OUTPUT
QD
QC
QB
QA
0L
LL
L
1L
LL
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5
L
HLH
6L
H
H
L
7
L
HHH
8H
L
L
L
9H
L
L
H
10
HL
HL
11
H
L
H
H
12
H
H
L
L
13
H
HLH
14
H
H
H
L
15
H
HHH
M54/M74HC393
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com