Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMB538F Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DMB538F
Description  ADPT, GNDR CHGR MINI-DIN 8 F/F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DMB538F Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DMB538F Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.40
35.6
DRAWING REPLACES DMB538F-OD1
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
A
8
DMB538F
A
DMB538F.SLDDRW
11
1/3/02
REVISIONS
DESCRIPTION
APPROVED
REV
1/2/02
DATE
CM
1/4/02
9/30/14
UNLESS OTHERWISE SPECIFIED,
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
MAY OCCUR
43321
D-SUBMINIATURE
PROJECTION
ADPT, GNDR CHGR MINI-DIN 8 F/F
TJC
UNDIMENSIONED FEATURES
DFP
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
WIRING MAP
"J1"
MINI DIN 8
"J2"
MINI DIN 8
11
22
33
44
55
66
77
88
SHELL
SHELL
NOTES:
1. NICKEL PLATED BRASS HOUSING PROVIDES
COMPLETE 360° SHIELDING.
2. CONTACT MATING SURFACES: GOLD PLATED.
3. COMPONENT SHALL BE TESTED FOR CONTINUITY.
4. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
"J1"
2X 8 CONTACT MINI DIN
RECEPTACLE
.45
11.5
"J2"


Similar Part No. - DMB538F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DMB530R L-COM-DMB530R Datasheet
50Kb / 1P
ADAPTOR, MINI-DIN-6F/DIN-5M
11/15/01
DMB536F L-COM-DMB536F Datasheet
51Kb / 1P
ADPT, GNDR CHGR MINI-DIN 6 F/F
06/25/2019
logo
Diodes Incorporated
DMB53D0UDW DIODES-DMB53D0UDW Datasheet
137Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31675 Rev. 5 - 2
DMB53D0UDW-7 DIODES-DMB53D0UDW-7 Datasheet
137Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31675 Rev. 5 - 2
DMB53D0UV DIODES-DMB53D0UV Datasheet
140Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
DS31651 Rev. 6 - 2
More results

Similar Description - DMB538F

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com