Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC-C6 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # EC-C6
Description  C6 ECONOMY COUPLER INLINE UNSHLD BLK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

EC-C6 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  EC-C6 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
°
12/12/2019
DATE
A
B
C
D
SCALE:
SIZE
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
± 1/32
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
1
GUTTADAURO
CAD FILE:
A
8
1
12/17/2019
REVISIONS
DESCRIPTION
APPROVED
REV
12/17/2019
EC-C6
INITIAL RELEASE
12/17/2019
A
GUTTADAURO
CATEGORY
PRODUCT DESCRIPTION
CAGE CODE
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
FRACTIONS
UNSHLD BLK
TELECOM/MODULAR
OVERALL CABLE LENGTH TOLERANCE:
MAY OCCUR
C6 ECONOMY COUPLER INLINE
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
DIMENSIONS ARE IN INCHES [mm]
THIRD-ANGLE PROJECTION
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
Phone: 1.800.341.5266
50 High Street, West Mill,
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
43321
UNDIMENSIONED FEATURES
EC-C6.SLDDRW
ANGLES ± 1
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
.94
23.80
.87
22.00
SPECIFICATIONS:
ELECTRICAL:
COUPLER IS WIRED STRAIGHT THRU.
CURRENT RATING: 1.5 AMPS
INSULATION RESISTANCE: 500 Mohms MIN.
CONTACT RESISTANCE: 20 mohms MAX.
DC RESISTANCE: 0.1 OHMS MAX.
MECHANICAL:
PLUG INSERTION LIFE: 750 CYCLES MIN.
PLUG RETENTION FORCE: 30 LBS MIN.
TEMPERSATURE: -40 F TO +150 F (-40 C TO +68 C)
PHYSICAL:
HOUSING: HIGH IMPACT FLAME RETARDANT PLASTIC,
BLACK, UL 94V-0 RATED
PCB: FR4, 1.6mm THICKNESS
CONTACTS: PHOSPHOR BRONZE, GOLD OVER NICKEL PLATING
NOTES:
1. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
2. COUPLER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
1.19
30.30


Similar Part No. - EC-C6

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
EC-C6-S L-COM-EC-C6-S Datasheet
71Kb / 1P
C6 ECONOMY COUPLER INLINE SHIELDED
12/12/2019
More results

Similar Description - EC-C6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1345TS PHILIPS-UDA1345TS Datasheet
126Kb / 28P
Economy audio CODEC
2000 Apr 18
logo
Infineon Technologies A...
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
logo
Tyco Electronics
2-382811-1 MACOM-2-382811-1 Datasheet
100Kb / 1P
ECONOMY SHUNT ASSEMBLY
logo
List of Unclassifed Man...
BU-55 ETC2-BU-55 Datasheet
50Kb / 1P
Economy Clip
logo
PHOENIX CONTACT
2727792 PHOENIX-2727792 Datasheet
96Kb / 2P
Connector set for Inline bus coupler
2860374 PHOENIX-2860374 Datasheet
47Kb / 2P
Connector set for Inline bus coupler, color-coded
logo
Hubbell Incorporated.
HI6C HUBBELL-HI6C Datasheet
277Kb / 1P
Category 6 Copper Panel Mount Connectors Inline Coupler
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
Economy Trimmers
logo
Beckhoff Automation Gmb...
CP32XX-0010 BECKHOFF-CP32XX-0010 Datasheet
154Kb / 6P
Economy Panel PC
logo
E-SWITCH
R1966DBLKBLKBR E-SWITCH-R1966DBLKBLKBR Datasheet
37Kb / 1P
R1966D BLK BLK BR
A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com