Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C64-12KA3T Datasheet(PDF) 19 Page - STMicroelectronics

Part # M28C64-12KA3T
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64-12KA3T Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M28C64-12KA3T Datasheet HTML 15Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 16Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 17Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 18Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 19Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 20Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 21Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 22Page - STMicroelectronics M28C64-12KA3T Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19/24
M28C64
Figure 17. PDIP28 (BS)
Note:
1. Drawing is not to scale.
PDIP
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
eB
D2
Table 12. PDIP28 - 28 pin Plastic DIP, 600 mils width
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
3.94
5.08
0.155
0.200
A1
0.38
1.78
0.015
0.070
A2
3.56
4.06
0.140
0.160
B
0.38
0.56
0.015
0.021
B1
1.14
1.78
0.045
0.070
C
0.20
0.30
0.008
0.012
D
34.70
37.34
1.366
1.470
E
14.80
16.26
0.583
0.640
E1
12.50
13.97
0.492
0.550
e1
2.54
–
–
0.100
–
–
eA
15.20
17.78
0.598
0.700
L
3.05
3.82
0.120
0.150
S
1.02
2.29
0.040
0.090
α
0
°
15
°
0
°
15
°
N28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com