Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY448 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BY448
Description  Standard Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY448 Datasheet(HTML) 1 Page - Vishay Siliconix

  BY448_05 Datasheet HTML 1Page - Vishay Siliconix BY448_05 Datasheet HTML 2Page - Vishay Siliconix BY448_05 Datasheet HTML 3Page - Vishay Siliconix BY448_05 Datasheet HTML 4Page - Vishay Siliconix BY448_05 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BY448 / BY458
Document Number 86006
Rev. 1.6, 14-Apr-05
Vishay Semiconductors
www.vishay.com
1
949539
Standard Avalanche Sinterglass Diode
Features
• Glass passivated junction
• Hermetically sealed package
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
High voltage rectification diode
Efficiency diode in horizontal deflection circuits
Mechanical Data
Case: SOD-57 Sintered glass case
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 369 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
BY448
VR = 1500 V; IFAV = 2 A
SOD-57
BY458
VR = 1200 V; IFAV = 2 A
SOD-57
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
see electrical characteristics
BY448
VR = VRRM
1500
V
BY458
VR = VRRM
1200
V
Peak forward surge current
tp = 10 ms, half sinewave
IFSM
30
A
Average forward current
IFAV
2A
Junction temperature
Tj
140
°C
Storage temperature range
Tstg
- 55 to + 175
°C
Non repetitive reverse
avalanche energy
I(BR)R = 0.4 A
ER
10
mJ
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
l = 10 mm, TL = constant
RthJA
45
K/W
on PC board with spacing
25 mm
RthJA
100
K/W
e2


Similar Part No. - BY448_05

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY448GP GULFSEMI-BY448GP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
80Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
BY448GP SUNMATE-BY448GP Datasheet
116Kb / 2P
2.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Shanghai Leiditech Elec...
BY448GP LEIDITECH-BY448GP Datasheet
257Kb / 2P
1.5A Clamper/Damping diode
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
More results

Similar Description - BY448_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
Standard Avalanche Sinterglass Diode
12-Sep-12
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
Standard Avalanche Sinterglass Diode
20-Feb-18
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
Standard Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com