Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY448 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BY448
Description  Standard Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY448 Datasheet(HTML) 2 Page - Vishay Siliconix

  BY448 Datasheet HTML 1Page - Vishay Siliconix BY448 Datasheet HTML 2Page - Vishay Siliconix BY448 Datasheet HTML 3Page - Vishay Siliconix BY448 Datasheet HTML 4Page - Vishay Siliconix BY448 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 86006
Rev. 1.6, 14-Apr-05
BY448 / BY458
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 3 A
VF
1.6
V
Reverse current
VR = VRRM
IR
3
µA
VR = VRRM, Tj = 140 °C
IR
140
µA
Total reverse recovery time
IF = 1 A, - diF/dt = 0.05 A/µstrr
20
µs
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0,25 A
trr
2
µs
Figure 1. Typ. Thermal Resistance vs. Lead Length
Figure 2. Forward Current vs. Forward Voltage
94 9101
ll
TL= constant
0
0
20
40
60
80
120
l - Lead Length ( mm )
510
15
25
30
20
100
0.001
0.01
0.1
1
10
100
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VF - Forward V oltage(V)
16417
Tj =25
°C
Tj = 150
° C
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
0
0.5
1.0
1.5
2.0
2.5
16418
RthJA= 45 K/W
l=10mm
RthJA= 100 K/W
PCB:d=25mm
VR =VRRM
half sinewave
075
50
25
125
100
150
Tamb - Ambient Temperature (
°C)
1
10
100
1000
25
50
75
100
125
150
Tj - Junction T emperature (
°C)
16419
VR =VRRM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com