Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLRC400 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # SLRC400
Description  I쨌CODE Reader IC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SLRC400 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 93Page - NXP Semiconductors SLRC400 Datasheet HTML 94Page - NXP Semiconductors SLRC400 Datasheet HTML 95Page - NXP Semiconductors SLRC400 Datasheet HTML 96Page - NXP Semiconductors SLRC400 Datasheet HTML 97Page - NXP Semiconductors SLRC400 Datasheet HTML 98Page - NXP Semiconductors SLRC400 Datasheet HTML 99Page - NXP Semiconductors SLRC400 Datasheet HTML 100Page - NXP Semiconductors SLRC400 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
Philips Semiconductors
Product Specification Rev. 2.0 November 2001
I
•CODE Reader IC
SL RC400
97
Preliminary
16.3.1 BASIC STATES
16.3.2 STARTUP COMMAND 3FHEX
Command
Codehex
Action
Arguments and Data
Returned Data
StartUp
3F
Runs the Reset- and Initialisation Phase
Note: This command can not be activated by
software, but only by a Power-On or Hard
Reset
-
-
The StartUp-Command runs the Reset- and Initialisation Phase. It does not need or return any data. It can
not be activated by the µ-Processor but is started automatically after one of the following events:
•
Power On Reset caused by power up at Pin DVDD
•
Power On Reset caused by power up at Pin AVDD
•
Negative Edge at Pin RSTPD
The Reset-Phase defines certain register bits by an asynchronous reset. The Initialisation-Phase defines
certain registers with values taken from the E²PROM.
When the StartUp-Command has finished, the Idle-Command is entered automatically.
Notes:
•
The µ-Processor must not write to the SL RC400 as long as the SL RC400 is busy executing the
StartUp-Command. To ensure this, the µ-Processor shall poll for the Idle-Command to determine the
end of the Initialisation Phase (see also chapter 11.4).
•
As long as the StartUp-Command is active, only reading from page 0 of the SL RC400 is possible.
•
The StartUp-Command can not be interrupted by the µ-Processor.
16.3.3 IDLE COMMAND 00HEX
Command
Codehex
Action
Arguments and Data
Returned Data
Idle
00
No action: cancels current command execution
-
-
The Idle-Command switches the SL RC400 to its inactive state. In this Idle-state it waits for the next
command. It does not need or return any data. The device automatically enters the Idle-state when a
command finishes. In this case the SL RC400 simultaneously initiates an interrupt request by setting bit
IdleIRq. Triggered by the µ-Processor, the Idle-Command may be used to stop execution of all other
commands (except the StartUp Command). In that case no IdleIRq is generated.
Remark: Stopping a command with the Idle Command does not clear the FIFO buffer content.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com