Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFP11F Datasheet(PDF) 13 Page - Clarke International

Part # CFP11F
Description  AIR COMPRESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CFP11F Datasheet(HTML) 13 Page - Clarke International

Back Button CFP11F Datasheet HTML 9Page - Clarke International CFP11F Datasheet HTML 10Page - Clarke International CFP11F Datasheet HTML 11Page - Clarke International CFP11F Datasheet HTML 12Page - Clarke International CFP11F Datasheet HTML 13Page - Clarke International CFP11F Datasheet HTML 14Page - Clarke International CFP11F Datasheet HTML 15Page - Clarke International CFP11F Datasheet HTML 16Page - Clarke International CFP11F Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
EVERY 2 YEARS/250 HOURS
1. Carry out the oil changes.
2. Replace the spark plug and air filter.
3. Request your CLARKE dealer to replace fuel lines.
MISCELLANEOUS SPARE COMPONENTS
No Description
Part No
1
Pump Assembly MK238 Complete
1370005
2
Honda Engine (type GP160HQX3) 5HP
8000002
3
Drain Cock
2000221
4
Pressure Gauge
2000171
5
Safety Valve
2000191
6
Manifold 4-way
FN011276000
7
Rubber Foot
FN116011006
8
Regulator
FN347026000
9
Spark Plug
NGK BPR6ES
10
Engine Air Filter Set
HS17210ZE1505
11
Recoil Starter Assembly
HS28400ZDK003
12
Starter Pull-cord
HS28462ZDK003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com