Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPS2EN1 Datasheet(PDF) 68 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 68 Page - ABB

Back Button OPS2EN1 Datasheet HTML 64Page - ABB OPS2EN1 Datasheet HTML 65Page - ABB OPS2EN1 Datasheet HTML 66Page - ABB OPS2EN1 Datasheet HTML 67Page - ABB OPS2EN1 Datasheet HTML 68Page - ABB OPS2EN1 Datasheet HTML 69Page - ABB OPS2EN1 Datasheet HTML 70Page - ABB OPS2EN1 Datasheet HTML 71Page - ABB OPS2EN1 Datasheet HTML 72Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 192 page
background image
Symbols
Front operated, base mounting,
IEC
Front operated, base mounting,
UL/CSA
Side operated, base mounting,
IEC
Earthing switches, bottom
mounted, IEC. The mechanism is
turned 90 degrees for space
saving
Earthing switches, base mounted,
IEC
Symbols
With direct mount handle
With wide phase distance
—
Manual switch-disconnectors
OT160...4000
Type key
Understanding the type code keys below will help you quickly identify the correct
product for your needs.
Manual switch-disconnectors
ABB Brand
EVS
EM
EP
ES
E
EV
U
Number of poles and placing of the operating
mechanism
Construction 2
Construction 1
Symbols
3-poles, operating mechanism at the
left end of the switch
4-poles, operating mechanism at the
left end of the switch
3-poles, operating mechanism
between the poles
4-poles, operating mechanism
between the poles
3-poles, operating mechanism at the
right end of the switch
4-poles, operating mechanism at the
right end of the switch
Operation/Mounting/Certification
OT
OT 400
W
03
03
K
04
W
12
22
30
40
E
Switch size
The second letter in the code indicates
the ampere rating [A] of the product: 160...4000 A
P
External handle and metal shaft included
P
Front operated
Configuration 03, 04:
Side operated
Configuration 03, 04:
Front operated
Configuration 30, 40:
Front operated
Configuration 12, 22:
N
Pole configuration table
The various placing options of the operating mechanism in relation to the 3 or 4 poles is illustrated below.
The operating mechanism may be placed at the end of the switch or between poles.
68
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
68
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com