Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1073ABCS Datasheet(PDF) 6 Page - CellWise Microelectronics

Part # CW1073ABCS
Description  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073ABCS Datasheet(HTML) 6 Page - CellWise Microelectronics

Back Button CW1073ABCS Datasheet HTML 2Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 3Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 4Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 5Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 6Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 7Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 8Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 9Page - CellWise Microelectronics CW1073ABCS Datasheet HTML 10Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Note: Absolute maximum ratings are the ratings that cannot be exceeded under any conditions. If these ratings are exceeded, product damage may occur.
±4000
HBM Mode
describe
Parameter Value
Min Typ Max Unit
6
unit
© 2017-2019 Cellwise Microelectronics
±1000
V
scope
project
V
V(ESD) level electrostatic discharge
unit
CDM Mode
hurt.
Minimum Maximum
ESD
Level
Absolute Maximum Ratings
Rated operating voltage
CW1073
VCITÿWANTÿWANTED
VDD
T2
0
Terminal input voltage
VSS+40
VDD Input Voltage
VSS-0.3
85
Terminal input voltage
V
V
VCXÿDOÿDO_PWM
-30
125
Terminal input voltage
Storage temperature
6
4.5
ROOTÿROOTÿCIT
V
-40
Operating temperature
V
VCX input voltage
31.5
5
4
Terminal input voltage
T1
VSS-0.3
V
°C
0
VCX
VDDÿVMÿCOÿSELÿCSÿDCTRL VSS-0.3
V
°C
VDD+0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com