Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CW1073AAGS Datasheet(PDF) 4 Page - CellWise Microelectronics

Part # CW1073AAGS
Description  6~7 battery protection IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELLWISE [CellWise Microelectronics]
Direct Link  http://en.cellwise-semi.com/
Logo CELLWISE - CellWise Microelectronics

CW1073AAGS Datasheet(HTML) 4 Page - CellWise Microelectronics

  CW1073AAGS Datasheet HTML 1Page - CellWise Microelectronics CW1073AAGS Datasheet HTML 2Page - CellWise Microelectronics CW1073AAGS Datasheet HTML 3Page - CellWise Microelectronics CW1073AAGS Datasheet HTML 4Page - CellWise Microelectronics CW1073AAGS Datasheet HTML 5Page - CellWise Microelectronics CW1073AAGS Datasheet HTML 6Page - CellWise Microelectronics CW1073AAGS Datasheet HTML 7Page - CellWise Microelectronics CW1073AAGS Datasheet HTML 8Page - CellWise Microelectronics CW1073AAGS Datasheet HTML 9Page - CellWise Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin Assignment Diagram
Pin Definition
19
14
VC7
RUT
VC1
11
4
VC3
17
24
10
13
12
CO
16
VSS
22
6
8
7
VC0
23
CELL
15
1
VC6
5
NC
9
CIT
21
NC
NC
CS
2
VC5
ROT
VC4
DCTRL
18
VDD
VM
DO
NC
3
DO_PWM
VC2
20
CW1073
name
4
Functional Description
serial number
© 2017-2019 Cellwise Microelectronics
7
VDD
4
13
Battery 2 positive terminal
VC2
Battery 5 positive terminal
No connection
VC4
2
11
NC
8
Battery 7 positive terminal
Battery 1 positive terminal
VC7
NC
No connection
15
6
VC0
Battery 3 positive terminal
Discharge protection output terminal, push-pull output, driving NMOS
DO
12
VC3
No connection
5
14
10
1
VC5
VC1
NC
Overcurrent detection terminal
3
Battery 6 positive terminal
9
VC6
NC
Battery 1 Negative terminal
Battery 4 positive terminal
No connection
Chip power supply, connected to the highest potential of the battery pack, if there are 7 batteries, then it is the positive terminal of battery 7
CS
CW1073



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com