Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G04 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC2G04
Description  DUAL INVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G04 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC2G04 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 9Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 10Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
74LVC2G04
Document number: DS35160 Rev. 6 - 2
7 of 13
www.diodes.com
March 2015
© Diodes Incorporated
74LVC2G04
SOT26
Package Outline Dimensions and Suggested Pad Layout
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
SOT26
Dim
Min
Max Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D

 0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15

0°
8°

All Dimensions in mm
Dimensions Value (in mm)
Z
3.20
G
1.60
X
0.55
Y
0.80
C1
2.40
C2
0.95
A
M
J
L
D
B C
H
K
X
Z
Y
C1
C2
C2
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com