Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35821 Datasheet(PDF) 1 Page - MENDA

Part # 35821
Description  durAstatic Bottles with Black Screw Cap
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

35821 Datasheet(HTML) 1 Page - MENDA

  35821 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2020 DESCO INDUSTRIES INC
Employee Owned
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MendaPump.com
DATE:
July
2020
DRAWING NUMBER
35817
durAstatic® Bottles with Black Screw Cap
Specifications and procedures subject to change without notice.
Unless otherwise noted, tolerance ± 10%
Description
•
HDPE durAstatic® Bottles are dissipative and are designed to
protect your valuable static sensitive printed circuitry
•
No migratory additives - reduces the chance for contamination from the bottle
•
Embossed with ESD protective symbol, allowing people to immediately know the
bottle is ESD protective
•
Long lasting dissipative properties:
Rv: 1 x 104 to <1 x 1011 ohms tested per ANSI/ESD STM11.12
<2 second charge decay, tested per IEC 61340-2-3:2016
•
Black screw cap easily allows you to open and reclose to prevent contents from
spilling; note the cap is insulative
•
Black screw cap is for use with 38-400 neck size
• Genuine Made in the United States of America Menda bottle - accept no
substitutes
“It should be understood that any object, item, material or person could be a source of
static electricity in the work environment. Removal of unnecessary nonconductors, replacing
nonconductive materials with dissipative or conductive materials and grounding all conductors are
the principle methods of controlling static electricity in the workplace, regardless of the activity.”
(ESD Handbook ESD TR20.20 section 2.4 Sources of Static Electricity)
Item
Description
Height
35817 6 oz. (180mL) Blue Bottle with Black Screw Cap
4" (101.6 mm)*
35818 6 oz. (180mL) Yellow Bottle with Black Screw Cap
4” (101.6 mm)*
35819 6 oz. (180mL) Green Bottle with Black Screw Cap
4” (101.6 mm)*
35820 6 oz. (180mL) Orange Bottle with Black Screw Cap
4” (101.6 mm)*
35821 Black Screw Cap Only
0.5” (12.7 mm)
Made in the
United States of America
6 oz. bottles include
measurements on one side
to see how much fluid is left
in the container
*NOTE: Heights include the bottle with the black screw cap
Black screw cap only


Similar Part No. - 35821

ManufacturerPart #DatasheetDescription
logo
KNIPEX
3582145 KNIPEX-3582145 Datasheet
121Kb / 2P
Electronics Pliers
05.07.2021
3582145ESD KNIPEX-3582145ESD Datasheet
107Kb / 1P
Electronics Pliers ESD
07.03.2024
More results

Similar Description - 35821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS90727 ETC-MS90727 Datasheet
166Kb / 5P
SCREW, CAP, HEXAGON HEAD
logo
Cornell Dubilier Electr...
CGS733U6R3R2L CDE-CGS733U6R3R2L Datasheet
263Kb / 7P
High-Cap Screw Terminal Aluminum Electrolytic Capacitor
logo
List of Unclassifed Man...
KE325 ETC2-KE325 Datasheet
97Kb / 2P
LDPE bottle and swan-neck spout made with and durAstatic technology
35276 ETC2-35276 Datasheet
245Kb / 1P
Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
Blue Dissipative Bottles
logo
Cornell Dubilier Electr...
CGS733U6R3R2L CDE-CGS733U6R3R2L Datasheet
488Kb / 8P
High-Cap Screw Terminal Aluminum Electrolytic Capacitor
CGS CDE-CGS_17 Datasheet
824Kb / 8P
High-Cap Screw Terminal Aluminum Electrolytic Capacitor
logo
List of Unclassifed Man...
NAS1351 ETC2-NAS1351 Datasheet
3Mb / 6P
SCREW, CAP, SOCKET HEAD, UNDRILLED
logo
CONEC Elektronische Bau...
165X16859X CONEC-165X16859X Datasheet
130Kb / 1P
SCREEN CAP 9-50pos. for socket connector with jack screw
02.01.12
165X16949X CONEC-165X16949X Datasheet
190Kb / 1P
SCREEN CAP 50pos. for socket connector with jack screw
21.01.15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com