Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DUALDISPLAY Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # DUALDISPLAY
Description  Dual Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

DUALDISPLAY Datasheet(HTML) 1 Page - NOSHOK, INC.

  DUALDISPLAY Datasheet HTML 1Page - NOSHOK, INC. DUALDISPLAY Datasheet HTML 2Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
Dual Display
• Accepts a wide variety of input signals including thermocouples or RTDs,
current, voltage, resistance and process signals
• Dual display with tri-color and variable intensity digits
• Universal AC/DC power input and 24 Vdc sensor excitation
• Built-in USB port for configuring with a computer
• Meter update rate up to 160/second
• Plug-in option cards available for field upgrading
• Interface software available on request
2200
2200 SERIES
APPLICATIONS
Digital Indicators
■
Pump control and monitoring
■
Liquid level measurement
■
Heating and cooling
■
Force measurement
■
Cycle counting
■
Flow rate measurement
SPECIFICATIONS
Input signals
4 mA to 20 mA, 0 Vdc to 10 Vdc (optional RTD and thermocouple)
Sensor excitation
Built-in 24 Vdc
Process display
Upper
6 digit, 0.71", tri-color LED (red, green, orange)
Lower
9 digit, 0.35", green LED
Key pad
2 programmable function keys, 4 total
Power requirement
AC input
40 Vac to 250 Vac, 50/60 Hz, 20 VA
DC input
21.6 Vdc to 250 Vdc, 8 W
Electrical connection
Screw terminals at back of case
Built-in USB port for configuring with a computer
Memory
FRAM
Accuracy
<0.03% of full scale 64 °F to 82 °F (18 °C to 28 °C)
<0.12% of full scale
32 °F to 122 °F (0 °C to 50 °C)
Humidity
<85%, non-condensing
Vibration
5-150 Hz, 2 g
Shock
25 g
Normal rejection mode
60 dB 50/60 Hz
Altitude
Up to 2,000 meters
Update rate
160/sec
Temperature ranges
Operating
32 °F to 122 °F (0 °C to 50 °C)
Effect
≤ 0.1% of full scale/18 °F (10 °C)
Storage
-40 °F to 140 °F (-40 °C to 60 °C)
Electromagnetic rating
CE compliant to EMC norm EN 61326-1
RFI, EMI and ESD protection
Environmental rating
NEMA 4X, IP65 (front of display only)
Filtering
0 seconds to 25 seconds, selectable
Min/Max reading
Captures and stores min/max measurement
User inputs
2 programmable, 30 Vdc max. continuous
Totalizer
Time base
Second, minute, hour or day
Batch
Can accumulate from user input
Linearization
2 to 16 points, selectable
Weight
8 oz.
Option cards
Serial communication (RS232 or RS485)
DeviceNet communication
MODBUS communication (RS485 RTU and ASCII MODBUS)
Profibus communication
Analog output (0-20 mA, 4-20 mA or 0-10 Vdc)
Dual or Quad Relay (NPN or PNP type)
USB programming
Note: See page 14-15 for more information on enclosures and
option cards.
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known
to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov


Similar Part No. - DUALDISPLAY

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DUAL CRYDOM-DUAL Datasheet
775Kb / 5P
DUAL Series
logo
Sensata Technologies, I...
DUAL SENSATA-DUAL Datasheet
264Kb / 5P
PANEL MOUNT SOLID STATE RELAYS
Rev:07/02/2024
logo
Panasonic Semiconductor
DUALLED PANASONIC-DUALLED Datasheet
39Kb / 2P
Two Color Lighting
More results

Similar Description - DUALDISPLAY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
DUAL DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
DUAL DIGITS DISPLAY
A-562H ETC1-A-562H Datasheet
114Kb / 1P
DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
Dual Display
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
Dual Display/PEAK
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
Dual Display/Inrush
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
Dual Display/Inrush
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
Dual view display
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
dual independent display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com