Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSZ57L18DM Datasheet(PDF) 1 Page - Whirlpool.

Part # WSZ57L18DM
Description  Upright Freezer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WHIRLPOOL [Whirlpool.]
Direct Link  https://www.whirlpool.com/
Logo WHIRLPOOL - Whirlpool.

WSZ57L18DM Datasheet(HTML) 1 Page - Whirlpool.

  WSZ57L18DM Datasheet HTML 1Page - Whirlpool.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT MODEL NUMBERS
PRODUCT DIMENSIONS
Upright Freezer
WSZ57L18DM
Electrical: A 115 V, 60 Hz., AC only,
15 or 20 A fused, grounded electrical supply
is required. It is recommended that a separate
circuit serving only your freezer be provided. Use
an outlet that cannot be turned off by a switch.
Do not use an extension cord.
NOTE: Before performing any type of
installation, cleaning, or removing a light bulb,
turn the control (Thermostat, Refrigerator or
Freezer Control depending on the model) to
OFF and then disconnect the refrigerator from
the electrical source. When you are finished,
reconnect the refrigerator to the electrical source
and reset the control (Thermostat, Refrigerator or
Freezer Control depending on the model) to the
desired setting. See “Using the Controls.”
Water Pressure
A cold water supply with water pressure of
between 30 and 120 psi (207 to 827 kPa) is
required to operate the water dispenser and ice
maker.
Reverse Osmosis Water Supply
The pressure of the water supply coming out of a
reverse osmosis system going to the water inlet
valve of the freezer needs to be between 30 and
120 psi (207 and 827 kPa).
Ventilation and Clearance
• This freezer may be installed side by side with another refrigerator. Allow at least 1" (2.54 cm)
between back of cabinet and the wall, and a 1⁄4" (6.4 mm) clearance between the appliances.
• If you are installing your freezer next to a fixed wall, leave 2" on the hinge side so the door can
open wider.
• Keep flammable materials and vapors, such as gasolline, away from freezer.
• Do not cover the freezer with items such as blankets, sheets, tablecloths, etc. This reduces air
circulation.
Temperature
Your freezer operates most efficiently when located in an area where the temperature will not
fall below 40°F (5°C). Place your freezer in a location where the temperature will not fall below
this recommended temperature.
LOCATION REQUIREMENTS
Because Whirlpool Corporation policy includes a continuous commitment to improve
our products, we reserve the right to change materials and specifications without notice.
Dimensions are for planning purposes only. For complete details, see Installation
Instructions packed with product. Specifications subject to change without notice.
Ref. W10668405B
07/18
Model
Number
Model
Size
Door
Swing
Height -
Overall
“A”
Height -
Top of
Cabinet
“B”
Depth -
Doors Open
90°
“C”
Depth -
With
Handles
“D”
Depth -
Without
Handles
“E”
Depth -
Cabinet
Only
“F”
Width -
Cabinet
“G”
WSZ57L18DM
17.7 cu. ft.
left
663⁄4"
(169.5 cm)
661⁄4"
(168.3 cm)
553⁄4"
(141.6 cm)
311/4"
(79.4 cm)
287/4"
(73.3 cm)
245/8"
(62.5 cm)
301⁄4"
(76.8 cm)
90˚
C
A
overall
G
not incl.
handle
E
B
D
F


Similar Part No. - WSZ57L18DM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSZ6720 VISHAY-WSZ6720 Datasheet
95Kb / 4P
Leaded Wirewound Resistors, Surface Mount, Cement Coated, High Power
16-Jan-2020
WSZ7532 VISHAY-WSZ7532 Datasheet
86Kb / 3P
Leaded Wirewound Resistors, Surface Mount, Silicone or Cement Coated, High Power
10-Mar-2020
WSZ75321K000FEA VISHAY-WSZ75321K000FEA Datasheet
86Kb / 3P
Leaded Wirewound Resistors, Surface Mount, Silicone or Cement Coated, High Power
10-Mar-2020
WSZ75321K000FTA VISHAY-WSZ75321K000FTA Datasheet
86Kb / 3P
Leaded Wirewound Resistors, Surface Mount, Silicone or Cement Coated, High Power
10-Mar-2020
WSZ75321K000GEA VISHAY-WSZ75321K000GEA Datasheet
86Kb / 3P
Leaded Wirewound Resistors, Surface Mount, Silicone or Cement Coated, High Power
10-Mar-2020
More results

Similar Description - WSZ57L18DM

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX100-10 NTE-RX100-10 Datasheet
47Kb / 8P
ECG Electronics Freezer
logo
EPCOS
B82442A1474K EPCOS-B82442A1474K Datasheet
113Kb / 9P
Upright ferrite drum core
logo
Adam Technologies, Inc.
USB-A-S-RU-WT ADAM-TECH-USB-A-S-RU-WT Datasheet
85Kb / 1P
USB TYPE A RIGHT ANGLE UPRIGHT THRU-HOLE
logo
Bud Industries, Inc.
E-2000 BUD-E-2000 Datasheet
104Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK
60-2300 BUD-60-2300 Datasheet
100Kb / 1P
SERIES 60 UPRIGHT CABINET RACK
30-2300 BUD-30-2300 Datasheet
86Kb / 1P
SERIES 30 UPRIGHT CABINET RACK
E30-2000 BUD-E30-2000 Datasheet
89Kb / 1P
SERIES 30-2000 UPRIGHT CABINET RACK
E-2024 BUD-E-2024 Datasheet
110Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK(LOUVERED)
logo
Kycon, Inc.
KUSBX-SL-CS KYCON-KUSBX-SL-CS Datasheet
600Kb / 1P
Upright USB, C Type Jack, 14Pin
logo
Pepperl+Fuchs Inc.
VAZ-TUBE400-70MM PF-VAZ-TUBE400-70MM Datasheet
247Kb / 1P
Stack light upright
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com