Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6130 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6130
Description  30 GHz Power Amplifier with Frequency Multiplier (x2)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6130 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6130 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6130 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6130 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6130 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6130 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6130 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6130 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6130 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings (1)
AMMP-6130 RF Specifications (4,5)
TA= 25
°C, Vdd = 4.5 V, Idd = 200mA, Zo=50 Ω, Pin=5dBm
Typical Distribution of Conversion Gain and Output Power based on 1000 parts
Notes.
4. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25
°C.
5. All tested parameters guaranteed with measurement accuracy +/-1dB/dBm/dBc.
Notes.
1. Operation in excess of any of these conditions may result in
permanent damage to this device. The absolute maximum ratings
for Vdd, Idd and Pin were determined at an ambient temperature
of 25°C unless noted otherwise.
DC Specifications/ Physical Properties (2)
2. Ambient operational temperature TA=25
°C unless noted
3. Channel-to-backside Thermal Resistance (Tchannel = 34
°C) as
measured using infrared microscopy. Thermal Resistance at
backside temp. (Tb) = 25
°C calculated from measured data.
Conversion Gain at 30GHz
StDev = 0.46
Output Power at 30GHz
StDev = 0.39
Sym Parameters/Condition
Unit
Max
Vdd
Drain to Ground Voltage
V
5
Idd
Drain Current
mA
300
Pin
RF CW Input Power Max
dBm
15
Tch
Max channel temperature
C
+150
Tstg
Storage temperature
C
-65 +150
Tmax Maximum Assembly Temp
C
260 for 20s
Sym
Parameter and
Test Condition
Unit
Min Typ
Max
Idd
Drain Supply Current
under any RF power
drive and temp.
(Vd=4.5 V)
mA
200
250
Vd
Drain Supply Voltage
V
3.5
4.5
5
θjc
Thermal Resistance(3)
C/W
45
Symbol
Parameters and Test Conditions
Frequency
Units
Minimum
Maximum
Typical
Freq
Operational Frequency
GHz
30
Gain
Conversion Gain(4,5)
30
dB
14
18.5
16
Pout
Output Power(5)
30
dBm
19
23.5
21
FS
Fundamental Suppression
30
dBc
60
3H Sup
3rd Harmonic Suppression
dBc
50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com