Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLIMDIP-L Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # SLIMDIP-L
Description  TRANSFER MOLDING TYPE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

SLIMDIP-L Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button SLIMDIP-L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor SLIMDIP-L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor SLIMDIP-L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor SLIMDIP-L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor SLIMDIP-L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor SLIMDIP-L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor SLIMDIP-L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor SLIMDIP-L Datasheet HTML 10Page - Mitsubishi Electric Semiconductor SLIMDIP-L Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
< DIPIPM >
SLIMDIP-L
TRANSFER MOLDING TYPE
INSULATED TYPE
Publication Date : January 2019
7
[C] Under-Voltage Protection (P-side, UVDB)
c1. Control supply voltage VDB rises. After the voltage reaches under voltage reset level UVDBr, IGBT turns on by next ON signal (LH).
c2. Normal operation: IGBT ON and outputs current.
c3. VDB level drops to under voltage trip level (UVDBt).
c4. IGBT of the corresponding phase only turns OFF in spite of control input signal level, but there is no FO signal output.
c5. VDB level reaches UVDBr.
c6. Normal operation: IGBT ON and outputs current.
[D] Over Temperature Protection (N-side, Detecting LVIC temperature)
d1. Normal operation: IGBT ON and outputs current.
d2. LVIC temperature exceeds over temperature trip level(OTt).
d3. All N-side IGBTs turn OFF in spite of control input condition.
d4. Fo outputs for tFo=minimum 20
μs, but output is extended during LVIC temperature keeps over OTt.
d5. LVIC temperature drops to over temperature reset level.
d6. Normal operation: IGBT turns on by next ON signal (LH).
(IGBT of each phase can return to normal state by inputting ON signal to each phase.)
SET
RESET
OTt
d1
d2
d3
d5
d6
d4
OTt - OTrh
Control input
Protection circuit state
Temperature of LVIC
Output current Ic
Error output Fo
Control input
Protection circuit state
Control supply voltage VDB
Output current Ic
Error output Fo
UVDBr
RESET
SET
RESET
UVDBt
Keep High-level (no fault output)
c1
c2
c3
c4
c5
c6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com