Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2431BSDFHIALVR.B Datasheet(PDF) 59 Page - Texas Instruments

Part # AM2431BSDFHIALVR.B
Description  AM243x Sitara™ Microcontrollers
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2431BSDFHIALVR.B Datasheet(HTML) 59 Page - Texas Instruments

Back Button AM2431BSDFHIALVR.B Datasheet HTML 55Page - Texas Instruments AM2431BSDFHIALVR.B Datasheet HTML 56Page - Texas Instruments AM2431BSDFHIALVR.B Datasheet HTML 57Page - Texas Instruments AM2431BSDFHIALVR.B Datasheet HTML 58Page - Texas Instruments AM2431BSDFHIALVR.B Datasheet HTML 59Page - Texas Instruments AM2431BSDFHIALVR.B Datasheet HTML 60Page - Texas Instruments AM2431BSDFHIALVR.B Datasheet HTML 61Page - Texas Instruments AM2431BSDFHIALVR.B Datasheet HTML 62Page - Texas Instruments AM2431BSDFHIALVR.B Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 282 page
background image
5.3.2 ADC
MAIN Domain Instances
Table 5-3. ADC0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
ADC0_REFN (5) (7)
A
ADC0 Negative Reference
J16
ADC0_REFP (5) (6)
A
ADC0 Positive Reference
J15
ADC0_AIN0 (2) (3) (4)
A
ADC Analog Input 0 / GPIO1_80 (Input Only)
G20
H21
ADC0_AIN1 (2) (3) (4)
A
ADC Analog Input 1 / GPIO1_81 (Input Only)
F20
F19
ADC0_AIN2 (2) (3) (4)
A
ADC Analog Input 2 / GPIO1_82 (Input Only)
E21
F21
ADC0_AIN3 (2) (3) (4)
A
ADC Analog Input 3 / GPIO1_83 (Input Only)
D20
F20
ADC0_AIN4 (2) (3) (4)
A
ADC Analog Input 4 / GPIO1_84 (Input Only)
G21
H20
ADC0_AIN5 (2) (3) (4)
A
ADC Analog Input 5 / GPIO1_85 (Input Only)
F21
E21
ADC0_AIN6 (2) (3) (4)
A
ADC Analog Input 6 / GPIO1_86 (Input Only)
F19
G20
ADC0_AIN7 (2) (3) (4)
A
ADC Analog Input 7 / GPIO1_87 (Input Only)
E20
E20
ADC_EXT_TRIGGER0 (1)
I
ADC Trigger Input
B16, C13
B7, B9
ADC_EXT_TRIGGER1 (1)
I
ADC Trigger Input
D14, D16
C11
(1)
This ADC Trigger input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
(2)
The General Purpose Input signal associated with this ADC0_AIN input has a debounce function when ADC0 is configured to operate
in GPI mode. For more information on configuring ADC0 to operate in GPI mode, see the TRM Analog-to-Digital Converter (ADC)
section in the Peripherals chapter. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter.
(3)
The ADC0_AIN[7:0] inputs only have hysterisis when ADC0 is configured to operate in GPI mode.
(4)
Any unused ADC0_AIN inputs must be pulled to VSS through a resistor or connected directly to VSS when VDDA_ADC is connected
to a power source.
(5)
The ADC0_REFP and ADC0_REFN reference inputs are analog inputs which must be treated like high transient power supply rails,
where ADC0_REFN is expected to be connected directly to the PCB ground plane along with all other VSS pins, and ADC0_REFP is
connected to a power source capable of providing at least 4mA of current. ADC0_REFP may be connected to the same power source
as VDDA_ADC0 if the voltage tolerance of the supply provides an acceptable accuracy for the ADC reference. A high frequency
decoupling capacitor must be connected directly between ADC0_REFP and ADC0_REFN. The high frequency decoupling capacitor
should be placed in the ball array on the back side of the PCB and connected directly to the ADC0_REFP and ADC0_REFN pins with
vias. ADC0_REFP may be connected to VSS if ADC0 is not used and VDDA_ADC0 has been connected to VSS. The high frequency
decoupling capacitor described above will not be required if ADC0 is not used and ADC0_REFP is connected to VSS. See the Pin
Connectivity Requirements section for more information on ADC0 connectivity.
(6)
ADC0_REFP is connected to VDDA_ADC0 inside the ALX packaged devices.
(7)
ADC0_REFN is connected to VSS inside the ALX packaged devices.
5.3.3 CPSW
MAIN Domain Instances
Table 5-4. CPSW3G0 RGMII1 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
ALX PIN [4]
RGMII1_RXC
I
RGMII Receive Clock
AA5, W13
U1, Y13
RGMII1_RX_CTL
I
RGMII Receive Control
V13, W6
U14, Y3
RGMII1_TXC
IO
RGMII Transmit Clock
U14
W13
RGMII1_TX_CTL
O
RGMII Transmit Control
U15
W16
RGMII1_RD0
I
RGMII Receive Data 0
AA13, W5
AA11, T5
RGMII1_RD1
I
RGMII Receive Data 1
U12, Y5
R2, W11
RGMII1_RD2
I
RGMII Receive Data 2
V6, Y13
U2, Y15
RGMII1_RD3
I
RGMII Receive Data 3
V12, V5
AA13, T1
RGMII1_TD0
O
RGMII Transmit Data 0
V15
Y14
RGMII1_TD1
O
RGMII Transmit Data 1
V14
Y16
RGMII1_TD2
O
RGMII Transmit Data 2
W14
U13
RGMII1_TD3
O
RGMII Transmit Data 3
AA14
AA14
www.ti.com
AM2434, AM2432, AM2431
SPRSP65J – APRIL 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com