| Electronic Components Datasheet Search |
|
AM2432BSDFHIALVR Datasheet(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM2432BSDFHIALVR Datasheet(HTML) 79 Page - Texas Instruments |
|
79 / 282 page ![]() Table 5-53. MCSPI0 Signal Descriptions (continued) SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] SPI0_CS2 IO SPI Chip Select 2 B16 B9 SPI0_CS3 IO SPI Chip Select 3 A16 A9 SPI0_D0 IO SPI Data 0 A13 A8 SPI0_D1 IO SPI Data 1 A14 C9 (1) The SPI0_CS0 signal is not supported by the ALX packaged device. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-54. MCSPI1 Signal Descriptions SIGNAL NAME [1] ((1)) SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] SPI1_CLK IO SPI Clock C14 SPI1_CS0 IO SPI Chip Select 0 B14 SPI1_CS1 IO SPI Chip Select 1 D14 SPI1_CS2 IO SPI Chip Select 2 D16 C11 SPI1_CS3 IO SPI Chip Select 3 E16 A11 SPI1_D0 IO SPI Data 0 B15 SPI1_D1 IO SPI Data 1 A15 (1) The SPI1 interface is not supported by the ALX packaged devices. See AM243x_ALX Package - Unsupported Interfaces and Signals for additional details. Table 5-55. MCSPI2 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] SPI2_CLK IO SPI Clock E14 A12 SPI2_CS0 IO SPI Chip Select 0 E15 B12 SPI2_CS1 IO SPI Chip Select 1 C18 A17 SPI2_CS2 IO SPI Chip Select 2 B19 B18 SPI2_CS3 IO SPI Chip Select 3 A19 A18 SPI2_D0 IO SPI Data 0 D15 B10 SPI2_D1 IO SPI Data 1 C16 B11 Table 5-56. MCSPI3 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] SPI3_CLK IO SPI Clock U4 N3 SPI3_CS0 IO SPI Chip Select 0 U1 E1 SPI3_CS1 IO SPI Chip Select 1 T5 N4 SPI3_CS2 IO SPI Chip Select 2 V12 AA13 SPI3_CS3 IO SPI Chip Select 3 V15 Y14 SPI3_D0 IO SPI Data 0 R6 N1 SPI3_D1 IO SPI Data 1 V4 N2 Table 5-57. MCSPI4 Signal Descriptions SIGNAL NAME [1] SIGNAL TYPE [2] DESCRIPTION [3] ALV/ANI PIN [4] ALX PIN [4] SPI4_CLK IO SPI Clock B16 B9 SPI4_CS0 IO SPI Chip Select 0 E16 A11 SPI4_CS1 IO SPI Chip Select 1 A17 B13 SPI4_CS2 IO SPI Chip Select 2 B17 A14 SPI4_CS3 (1) IO SPI Chip Select 3 D18 www.ti.com AM2434, AM2432, AM2431 SPRSP65J – APRIL 2021 – REVISED JUNE 2026 Copyright © 2026 Texas Instruments Incorporated Submit Document Feedback 79 Product Folder Links: AM2434 AM2432 AM2431 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |