Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC51 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC51
Description  DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC51 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC51 Datasheet HTML 1Page - STMicroelectronics M74HC51 Datasheet HTML 2Page - STMicroelectronics M74HC51 Datasheet HTML 3Page - STMicroelectronics M74HC51 Datasheet HTML 4Page - STMicroelectronics M74HC51 Datasheet HTML 5Page - STMicroelectronics M74HC51 Datasheet HTML 6Page - STMicroelectronics M74HC51 Datasheet HTML 7Page - STMicroelectronics M74HC51 Datasheet HTML 8Page - STMicroelectronics M74HC51 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
M54HC51
M74HC51
December 1992
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
B1R
(Plastic Package)
ORDER CODES :
M54HC51F1R
M74HC51M1R
M74HC51B1R
M74HC51C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
.
HIGH SPEED
tPD = 10 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =1
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS51
The M54/74HC51 is a high speed CMOS DUAL 2
WIDE-2 INPUT AND/OR INVERT GATE fabricated
in silicon gate C
2MOS technology. It has the same
high speed performance of LSTTL combined with
true CMOS low power consumption. It contains a 2-
WIDE 2-INPUT AND-OR-INVERT GATE and a 2-
WIDE 3-INPUT AND-OR-INVERT GATE.
The internal circuit is composed of 3 stages (2-
INPUT) or 5 stages (3-INPUT) including buffered
output, which gives high noise immunity and a
stable output. All inputs are equipped with protection
circuits against static discharge and transient ex-
cess voltage.
DESCRIPTION
1/9


Similar Part No. - M74HC51

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
199Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Aug-2001
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
M74HC51B1 STMICROELECTRONICS-M74HC51B1 Datasheet
199Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Aug-2001
M74HC51B1R STMICROELECTRONICS-M74HC51B1R Datasheet
199Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Aug-2001
M74HC51B1R STMICROELECTRONICS-M74HC51B1R Datasheet
62Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
More results

Similar Description - M74HC51

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
199Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
Aug-2001
logo
Texas Instruments
CD4085B TI-CD4085B Datasheet
527Kb / 11P
CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4085BMS INTERSIL-CD4085BMS Datasheet
78Kb / 9P
CMOS Dual 2 Wide 2 Input AND-OR-INVERT Gate
December 1992
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Nexperia B.V. All right...
74F51 NEXPERIA-74F51 Datasheet
198Kb / 9P
Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
March 3, 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com