Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F200AC Datasheet(PDF) 17 Page - ABB

Part # F200AC
Description  Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F200AC Datasheet(HTML) 17 Page - ABB

Back Button F200AC Datasheet HTML 13Page - ABB F200AC Datasheet HTML 14Page - ABB F200AC Datasheet HTML 15Page - ABB F200AC Datasheet HTML 16Page - ABB F200AC Datasheet HTML 17Page - ABB F200AC Datasheet HTML 18Page - ABB F200AC Datasheet HTML 19Page - ABB F200AC Datasheet HTML 20Page - ABB F200AC Datasheet HTML 21Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17
System
pro M compact ®
Additional devices
Mounting additional devices
Additional devices are always fitted from the right hand side:
– signal contact/auxiliary switch S2C-S/H6R for MCBs and RCCBS
– auxiliary switch S2C-H6R for MCBs
– shunt release S2C-A for MCB
Supplementary devices
S function signal contact
H function auxiliary switch
1. Signal contact and auxiliary switches
Retrofittable to the right side of circuit-breakers or shunt releases without extra installation devices.
1.1 Universal signal contact/ auxiliary switch type S2C-S/H6R
Description
S2 – serial code:
S 2 C - S/H 6 R
R = right side-mounted
6 = change over
H = auxiliary switch
S = signal contact
C = compatible to pro M compact
S2C-S/H6R is a universal device complementing the range of pro M compact, which is supplied to offer signal contact functionality,
or the auxiliary switch can be activated, all you need is a screwdriver. The universal switch can be with MCBs and RCCBs.
Up to three S2C-H6R can be mounted (one signal contact max. fitted to MCB or RCCB). Both the switchgear and the S2C-S/H6R must
be in the ON end position to ensure that the coupling is correct.
Function of the signal contact S
Signal is transmitted only if caused by fault-tripping of the circuit-breaker, but not if the switch has been switched on or off manually.
Press the orange reset button to acknowledge the has-tripped signal.
Function of the auxiliary switch H
The switch always indicates the switching position of the MCB, irrespective of whether the switching position is attributable to manual
operation or fault tripping.
Functionality selection
To select either the signal contact function S or the auxiliary switch H, use a screwdriver and adjust to position S, or as the case may be, H at
the side of the device.
to MCBs
and RCCBs
only to
MCBs
to shunt releases



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com