Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM3000C Datasheet(PDF) 17 Page - Sanken electric

Part # SCM3000C
Description  600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM3000C Datasheet(HTML) 17 Page - Sanken electric

Back Button SCM3000C Datasheet HTML 13Page - Sanken electric SCM3000C Datasheet HTML 14Page - Sanken electric SCM3000C Datasheet HTML 15Page - Sanken electric SCM3000C Datasheet HTML 16Page - Sanken electric SCM3000C Datasheet HTML 17Page - Sanken electric SCM3000C Datasheet HTML 18Page - Sanken electric SCM3000C Datasheet HTML 19Page - Sanken electric SCM3000C Datasheet HTML 20Page - Sanken electric SCM3000C Datasheet HTML 21Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
SCM3000C Series
SCM3000C-DSE Rev.1.2
SANKEN ELECTRIC CO., LTD.
17
Aug. 21, 2017
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2016
12. Functional Descriptions
All the characteristic values given in this section are
typical values, unless they are specified as minimum or
maximum.
For pin descriptions, this section employs a notation
system that denotes a pin name or an electronic symbol
name with the arbitrary letter “x”, depending on context.
The U-, V-, and W-phases are represented as the pin
numbers 1, 2, and 3, respectively. Thus, “the HINx pin”
is used when referring to any or all of the HIN1, HIN2,
and HIN3 pins.
Also, when different pin names are mentioned as a
pair, they are meant to be the pins in the same phase. For
example, “the VBx and output (U, V, or W) pins” can be
any of “VB1–U”, “VB2–V”, or “VB3–W”.
12.1. Turning On and Off the IC
The procedures listed below provide recommended
startup and shutdown sequences. To turn on the IC
properly, do not apply any voltage on the VBB, HINx,
and LINx pins until the VCCx pin voltage has reached a
stable state (VCC(ON)
≥ 11.5 V). It is required to charge
bootstrap capacitors, CBOOTx, up to full capacity at
startup (see Section 12.2.3).
To turn off the IC, set the HINx and LINx pins to
logic low (or “L”), and then decrease the VCC pin
voltage.
12.2. Pin Descriptions
12.2.1. VBB
This is the input pin for the main supply voltage, i.e.,
the positive DC bus. All of the IGBT collectors of the
high-side are connected to this terminal. Voltages
between the VBB and COM pins should be set within
the recommended range of the main supply voltage, VDC,
given in Section 2.
To absorb surge voltages, put a 0.01 μF to 0.1 μF
snubber capacitor, CS, near the VBB pin and an
electrolytic capacitor, CDC, with a minimal length of
PCB traces to the VBB pin.
12.2.2. U, V, and W
These pins are the outputs of the three phases, and
serve as the connection terminals to the 3-phase motor.
These are also the grounds of the high-side floating
supplies for each phase, and are connected to the
negative nodes of the bootstrap capacitors, CBOOTx.
12.2.3. VCC
This is the logic supply pin for the built-in pre-driver
IC. To prevent malfunction induced by supply ripples or
other factors, put a 0.01 μF to 0.1 μF ceramic capacitor,
CVCC, near the VCC and COM pins. To prevent damage
caused by surge voltages, put an 18 V to 20 V Zener
diode, DZ, between the VCC and COM pins (as in
Figure 12-1).
Voltage to be applied between the VCC and COM
pins should be regulated within the recommended
operational range of VCC, given in Section 2.
VCC
COM
VCC
MIC
5
2
CVCC
DZ
Figure 12-1.
VCC Pin and Its Peripheral Circuit
12.2.4. COM
This is the logic ground pin for the built-in pre-driver
IC. Varying electric potential of the logic ground can be
a cause of improper operations. Therefore, connect the
logic ground as close and short as possible to shunt
resistors, RSx, at a single-point ground (or star ground)
which is separated from the power ground (see Figure
12-2).
Moreover, extreme care should be taken when wiring
so that currents from the power ground do not affect the
COM pin.
VBB
LS3
LS2
LS1
COM
VDC
RS1
RS2
RS3
CDC
CS
OCP
20
22
21
16
5
U1
Create a single-point
ground (a star ground)
near RSx, but keep it
separated from the
power ground.
Logic ground trace
Figure 12-2.
Connections to Logic Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com