Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIOSONIC Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # BIOSONIC
Description  Single-use ultrasonic flowmeter for liquids
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

BIOSONIC Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  BIOSONIC Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. BIOSONIC Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. BIOSONIC Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. BIOSONIC Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. BIOSONIC Datasheet HTML 5Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TG-F2038-E02
3rd edition Mar 2024 K
1st edition Aug 2020 K
MEASUREMENT AND CONTROL OF BIOMEDICINE
MANUFACTURING PROCESSES
BIOSONIC
Single-use ultrasonic flowmeter for liquids
OUTLINE
BIOSONIC ultrasonic flowmeter is designed for measuring liquid
flow rates in biopharmaceutical manufacturing processes. It consists
of BS detector and SFC converter. The wetted parts of the detector
have biocompatibility (USP Class VI, FDA, BSE/TSE free) using
gamma-sterilizable material (PSU) for single-use.
Thanks to our unique ultrasonic flow measurement technology
developed over the years,
BIOSONIC can measure instantaneous
and integrated flow rates with high accuracy without affecting liquids
that contain cells. The construction is simple and smooth with no
moving parts in the detector that would cause stress to liquids, and
with no sealing mechanism that would cause liquid components to
accumulate and leave residues. The detector cable is detachable
and easy to install for single-use.
FEATURES
❑
Materials of wetted parts of the flow detector: Biocompatible (FDA,
USP Class VI, no TSE/BS animal derived components), gamma-
sterilizable (up to 50 kGy)
❑
Highly clean construction without causing stress to liquids or
leaving residues
❑
Wide rangeability
BS04SC
Range: 0 to 800 mL/min
BS04
Range: 0 to 3000 mL/min
BS06
Range: 0 to 8000 mL/min
BS10
Range: 0 to 20 L/min
BS15
Range: 0 to 50 L/min
BS20
Range: 0 to 80 L/min
❑
Liquids with kinematic viscosity of as high as 40 mm2/s can be
measured.
❑
Accuracy: Within
±1% of the reading at flow velocity of 1 m/s or
more
❑
Adjustment function to offset the effect on the measurement
values caused by a change in liquid temperature (optional)
❑
CE marking
❑
All the detectors are calibrated with the actual flow (water) at the
time of shipment.
❑
Soundness of the converter can be checked on site by using a
simulator (optional).
APPLICATIONS
❑
Noninvasive, highly accurate flow measurement of liquids in
biopharmaceutical manufacturing processes
❑
Flow control by combining pumps, control valves, etc.
❑
Installation into single-use kits and systems
OPERATING PRINCIPLE
The measuring fluid flows into the U-shaped tube, changes direction
by 90 degrees twice, and goes out as shown in Figure 1. Two
piezoelectric transducers A and B are mounted at both ends of
the measuring section. They emit and receive ultrasonic waves
alternately and measure the traveling times tA (A to B) and tB (B to
A) through the liquid. Without flow, tA is equal to tB. With flow, tA
becomes shorter and tB longer in proportion to the flow rate. Thus,
calculating tB - tA gives the flow rate of the liquid. tA and tB depend
on the size and shape of the tube and liquid viscosity. The actual flow
test data are stored in the linearizer in the converter, which enables
BIOSONIC to measure flow rates with high accuracy.
IN
OUT Piezoelectric
transducer B
Piezoelectric
transducer A
Travelling time tB
Travelling time tA
Figure 1 Operating principle


Similar Part No. - BIOSONIC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
BIO-ST01-C4M1-A10-01 AAEON-BIO-ST01-C4M1-A10-01 Datasheet
466Kb / 2P
HDMI Up to 3840 x 2160 (4K) Resolution
BIO-ST01-L1U2 AAEON-BIO-ST01-L1U2 Datasheet
203Kb / 1P
support pico-bt01 bio daughter board option
BIO-ST01-L1U2-A10-01 AAEON-BIO-ST01-L1U2-A10-01 Datasheet
203Kb / 1P
support pico-bt01 bio daughter board option
BIO-ST01-L1U2-A10-01 AAEON-BIO-ST01-L1U2-A10-01 Datasheet
466Kb / 2P
HDMI Up to 3840 x 2160 (4K) Resolution
BIO-ST01-M1U1 AAEON-BIO-ST01-M1U1 Datasheet
144Kb / 1P
support pico-bt01 bio daughter board
More results

Similar Description - BIOSONIC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-141D FUJI-EDS6-141D Datasheet
1,019Kb / 12P
ULTRASONIC FLOWMETER(2-Path System type)
EDSX6-71L FUJI-EDSX6-71L Datasheet
276Kb / 8P
ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
ULTRASONIC FLOWMETER
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
Wall Mount Ultrasonic FlowMeter For Clean Liquids
logo
List of Unclassifed Man...
FHG-1000 ETC2-FHG-1000 Datasheet
383Kb / 2P
SCREW GEAR FLOWMETER For High Viscosity Liquids
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com