Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CATAMS Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # CATAMS
Description  Tank Data Monitoring Software
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

CATAMS Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  CATAMS Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. CATAMS Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. CATAMS Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. CATAMS Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TG-LD616-0E
SEP. 2003
TG-LD616-3E
MAY. 2014K
Operated by Windows machines
High functions and High Speed
GENERAL
CATAMS Windows is a Software for Tank Data Moni-
toring which has been developed based on Tokyo
Keiso’s long time experience and know-how on Tank
Monitoring.
It can be operated by personal computers which are
easily available.
● Delivery
: By CD-ROM
● Operational condition
●
Personal computer
: PC with Windows XP SP3
or Windows 7
●
CD-ROM drive to be provided
●
Indication screen size : 1024 x 768 Pixcel or more
●
MOUSE and key board to be provided
●
Communication Port
: Serial Minimum 1 port
Parallel 1 port
CATAMS® Windows
● BASIC Functions
■
■ 12 different screens are provided.
■
■ Operation through MOUSE
■
■ Real time data of selected tanks and its setting
parameter
■
■ Transfer data after loading/unloading
■
■ Data indication of all tanks
■
■ Liquid level indication by Bar Graph
■
■ Data historical
■
■ Data printing (Edition by Microsoft Excel etc.)
■
■ Error code and details
■
■ Monitoring of tanks in operation
■
■ Alarm Historical Data
Tank Data Monitoring Software
STANDARD SPECIFICATION


Similar Part No. - CATAMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CATA6B3 ETC2-CATA6B3 Datasheet
44Kb / 1P
Ceramic Surface Mount TCXO
CATABB3 ETC2-CATABB3 Datasheet
44Kb / 1P
Ceramic Surface Mount TCXO
CATALYSTLP ETC2-CATALYSTLP Datasheet
450Kb / 3P
Dual core for high-speed applications 400MHz graphics engine High bandwidth I/O
CATALYSTTC ETC2-CATALYSTTC Datasheet
668Kb / 2P
Intel Atom E6XX processor Small, fanless 67 x 100mm form factor
More results

Similar Description - CATAMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V6130 ETC-V6130 Datasheet
514Kb / 12P
Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
Power Surveillance and Software Monitoring
V6170 ETC1-V6170 Datasheet
165Kb / 12P
Accurate Voltage Window Surveillance and Software Monitoring
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
Graphical Monitoring Software and Interface Hardware System
logo
Tripp Lite. All Rights ...
WATCHDOGSW TRIPPLITE-WATCHDOGSW Datasheet
524Kb / 2P
WatchDog Service Monitoring - Reboot Software
logo
Keysight Technologies
MATLAB KEYSIGHT-MATLAB Datasheet
3Mb / 7P
Data Analysis Software Packages
N5461B KEYSIGHT-N5461B Datasheet
1Mb / 10P
Serial Data Equalization Software
N5461A KEYSIGHT-N5461A Datasheet
1Mb / 10P
Serial Data Equalization Software
logo
Micross Components
AS58LC1001 MICROSS-AS58LC1001 Datasheet
196Kb / 19P
Software Data protection Algorithm
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
Software data Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com