Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2S100AP Datasheet(PDF) 1 Page - Analog Devices

Part # AD2S100AP
Description  AC Vector Processor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S100AP Datasheet(HTML) 1 Page - Analog Devices

  AD2S100AP Datasheet HTML 1Page - Analog Devices AD2S100AP Datasheet HTML 2Page - Analog Devices AD2S100AP Datasheet HTML 3Page - Analog Devices AD2S100AP Datasheet HTML 4Page - Analog Devices AD2S100AP Datasheet HTML 5Page - Analog Devices AD2S100AP Datasheet HTML 6Page - Analog Devices AD2S100AP Datasheet HTML 7Page - Analog Devices AD2S100AP Datasheet HTML 8Page - Analog Devices AD2S100AP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD2S100
FUNCTIONAL BLOCK DIAGRAM
GENERAL DESCRIPTION
The AD2S100 performs the vector rotation of three-phase 120
degree or two-phase 90 degree sine and cosine signals by trans-
ferring these inputs into a new reference frame which is controlled
by the digital input angle
φ. Two transforms are included in the
AD2S100. The first is the Clarke transform which computes
the sine and cosine orthogonal components of a three-phase
input. These signals represent real and imaginary components
which then form the input to the Park transform. The Park
transform relates the angle of the input signals to a reference
frame controlled by the digital input port. The digital input
port is a 12-bit parallel binary representation.
If the input signals are represented by Vds and Vqs, respectively,
where Vds and Vqs are the real and imaginary components, then
the transformation can be described as follows:
Vds' = Vds Cos
φ – Vqs Sinφ
Vqs' = Vds Sin
φ + Vqs Cosφ
Where Vds' and Vqs' are the output of the Park transform
and Sin
φ, and Cosφ are the values internally derived by the
AD2S100 from the binary digital data.
The input section of the device can be configured to accept
either three-phase inputs, two-phase inputs of a three-phase
system, or two 90 degree input signals. The homopolar output
detects the imbalance of a three-phase input only. Under nor-
mal conditions, this output will be zero.
The digital input section will accept a resolution of up to 12 bits
(AD2S100). An input data strobe signal is required to synchro-
nize the position data and load this information into the device
counters. A busy output is provided to identify the conversion
status of the AD2S100. The busy period represents the conver-
sion time of the vector rotation.
Two analog output formats are available. A two-phase rotated
output facilitates multiple rotation blocks. Three phase format
signals are available for use with a PWM inverter.
PRODUCT HIGHLIGHTS
Hardware Peripheral for Standard Microcontrollers and
DSP Systems
The AD2S100 removes the time consuming cartesian transfor-
mations from digital processors and benchmarks a speed im-
provement of 30:1 on standard 20 MHz processors. AD2S100
transformation time = 2
µs (typ).
Field Oriented Control of AC and DC Brushless Motors
The AD2S100 accommodates all the necessary functions to
provide a hardware solution for ac vector control of induction
motors and dc brushless motors.
Three-Phase Imbalance Detection
The AD2S100 can be used to sense overcurrent situations or
imbalances in a three-phase system via the homopolar output.
Resolver-to-Digital Converter Interface
The AD2S100 provides general purpose interface for position
sensors used in the application of dc brushless and ac induction
motor control.
Ia
Ib
Ic
Vds
Vqs
SECTOR
MULTIPLIER
SINE AND
COSINE
MULTIPLIER
INPUT
DATA
STROBE
HOMOPOLAR
OUTPUT
HOMOPOLAR
REFERENCE
+5V GND –5V
φ POSITION
PARALLEL
DATA
12 BITS
Cos (
θ + 120° + φ
)
Cos (
θ + 240° + φ)
Va
Vb
Vc
30-20
Sin
θ
Cos
θ
Cos
θ
Sin
θ
Cos
θ + φ
CONV1
CONV2
DECODE
BUSY
Vds'
Vqs'
Sin
θ + φ
SECTOR
MULTIPLIER
SINE AND
COSINE
MULTIPLIER
Ia + Ib + Ic
3
2
φ-3φ
Cos (
θ + 120°)
Cos (
θ + 240°)
AC Vector Processor
FEATURES
Complete Vector Coordinate Transformation on Silicon
Mixed Signal Data Acquisition
Three-Phase 120 and Orthogonal 90 Signal
Transformation
Three-Phase Balance Diagnostic–Homopolar Output
APPLICATIONS
AC Induction and DC Permanent
Magnet Motor Control
HVAC, Pump, Fan Control
Material Handling
Robotics
Spindle Drives
Gyroscopes
Dryers
Washing Machines
Electric Cars
Actuator
Three-Phase Power Measurement
Digital-to-Resolver & Synchro Conversion


Similar Part No. - AD2S100AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
AC Vector Processor
REV. A
More results

Similar Description - AD2S100AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9178 PHILIPS-TDA9178 Datasheet
227Kb / 36P
YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
1999 Sep 24
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
Vector Modulator/Mixer
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
VECTOR MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
Vector Floating Point co-processor Hardware MPEG video encoder
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
AC Vector Processor
REV. A
logo
Keysight Technologies
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
logo
Mini-Circuits
EVNA-63+ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com