Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB09TE Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32WB09TE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TE Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32WB09TE Datasheet HTML 61Page - STMicroelectronics STM32WB09TE Datasheet HTML 62Page - STMicroelectronics STM32WB09TE Datasheet HTML 63Page - STMicroelectronics STM32WB09TE Datasheet HTML 64Page - STMicroelectronics STM32WB09TE Datasheet HTML 65Page - STMicroelectronics STM32WB09TE Datasheet HTML 66Page - STMicroelectronics STM32WB09TE Datasheet HTML 67Page - STMicroelectronics STM32WB09TE Datasheet HTML 68Page - STMicroelectronics STM32WB09TE Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
8
Ordering information
Table 49. Ordering information scheme
Example:
STM32
WB
09
K
E
V
6
TR
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
WB = wireless Bluetooth®
Device subfamily
09 = full set of features
Pin count
K = 32 pins
T = 36 pins
Flash memory size
E = 512 Kbytes
Package(1)
F = WLCSP
V = VFQFPN
Temperature range
6 = -40 °C up to +85 °C
7 = -40 °C up to +105 °C
Packing
TR = tape and reel
1. ECOPACK2 (RoHS compliant and free of brominated, chlorinated and antimony oxide flame retardants).
Note:
For a list of available options (memory, package, and so on) or for further information on any aspect of this
device, contact your nearest ST sales office.
STM32WB09xE
Ordering information
DS14210 - Rev 6
page 65/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com