Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB09TEF7TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32WB09TEF7TR
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09TEF7TR Datasheet(HTML) 3 Page - STMicroelectronics

  STM32WB09TEF7TR Datasheet HTML 1Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 2Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 3Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 4Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 5Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 6Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 7Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 8Page - STMicroelectronics STM32WB09TEF7TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
•
Up to 20 fast I/Os
–
all of them with wakeup capability
–
all of them retain state in low-power mode
–
all of them 5 V tolerant
•
Analog peripherals
–
12-bit ADC with 8 input channels, up to 16 bits with a down sampler
–
Battery monitoring
–
Analog watchdog
•
Development support
–
Serial wire debug (SWD)
–
4 breakpoints and two watchpoints
•
All packages are ECOPACK2 compliant
Applications
•
Industrial
•
Home and industrial automation
•
Asset tracking, ID location, real-time locating system
•
Smart lighting
•
Fitness,wellness and sports
•
Healthcare, consumer medical
•
Security/proximity
•
Remote control
•
Assisted living
•
Mobile phone peripherals
•
PC peripherals
STM32WB09xE
DS14210 - Rev 6
page 3/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com