Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPR084Q Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPR084Q
Description  Proximity Capacitive Touch Sensor Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR084Q Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPR084Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR084Q Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
MPR084
Sensors
Freescale Semiconductor
9
Preliminary
2.4
Register Address Map
The MPR084 is a peripheral that is controlled and monitored though a small array of internal registers which are accessed
through the I2C bus. When communicating with the MPR084 each of the registers in Table 4 are used for specific tasks. The
functionality of each specific register is detailed in the following sections.
Register
Register Address
Burst Mode
Auto-Increment Address
FIFO Register
0x00
0x00
Fault Register
0x01
0x02
Touch Pad Status Register
0x02
0x00
Touch Pad Configuration Register
0x03
0x04
Sensitivity Threshold Registers 1
0x04
0x05
Sensitivity Threshold Registers 2
0x05
0x06
Sensitivity Threshold Registers 3
0x06
0x07
Sensitivity Threshold Registers 4
0x07
0x08
Sensitivity Threshold Registers 5
0x08
0x09
Sensitivity Threshold Registers 6
0x09
0x0A
Sensitivity Threshold Registers 7
0x0A
0x0B
Sensitivity Threshold Registers 8
0x0B
0x0C
Electrode Channel Enable Mask Register
0x0C
0x0D
Maximum Number of Touched Positions Register
0x0D
0x0E
Master Tick Period Register
0x0E
0x0F
Touch Acquisition Sample Period Register
0x0F
0x10
Sounder Configuration Register
0x10
0x11
Low Power Configuration Register
0x11
0x12
Stuck Key Timeout Register
0x12
0x13
Configuration Register
0x13
0x00
Sensor Information Register
0x14
0x14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com