Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2981-29DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2981-29DBVT
Description  100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2981-29DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2981-29DBVT Datasheet HTML 2Page - Texas Instruments LP2981-29DBVT Datasheet HTML 3Page - Texas Instruments LP2981-29DBVT Datasheet HTML 4Page - Texas Instruments LP2981-29DBVT Datasheet HTML 5Page - Texas Instruments LP2981-29DBVT Datasheet HTML 6Page - Texas Instruments LP2981-29DBVT Datasheet HTML 7Page - Texas Instruments LP2981-29DBVT Datasheet HTML 8Page - Texas Instruments LP2981-29DBVT Datasheet HTML 9Page - Texas Instruments LP2981-29DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
Capacitors
Input Capacitor (Cin)
Output Capacitor (Cout)
Load Current − mA
Load Current − mA
Load Current − mA
Load Current − mA
LP2981
100-mA ULTRA-LOW DROPOUT REGULATOR
WITH SHUTDOWN
SLVS521E – JULY 2004 – REVISED MARCH 2008
A minimum value of 1
µF (over the entire operating temperature range) is required at the input of the LP2981. In
addition, this input capacitor should be located within 1 cm of the input pin and connected to a clean analog
ground. There is no Equivalent Series Resistance (ESR) requirement for this capacitor, and the capacitance can
be increased without limit. A good quality ceramic or tantalum capacitor can be used.
As a PNP regulator, the LP2981 requires the output capacitor to meet both a minimum capacitance and ESR
value. Required ESR values as a function of load current are provided for various output voltages, load currents,
and capacitances (see Figure 2 through Figure 5).
• Minimum C
out: 3.3 µF (can be increased without limit to improve transient response stability margin)
• ESR range: see Figure 2 through Figure 5
It is critical that both the minimum capacitance and ESR requirement be met over the entire operating
temperature range. Depending on the type of capacitor used, both of these parameters can vary significantly with
temperature (see capacitor characteristics section).
Figure 2. 5-V/3.3-
µF ESR Curves
Figure 3. 5-V/10-
µF ESR Curves
Figure 4. 3-V/3.3-
µF ESR Curves
Figure 5. 3-V/10-
µF ESR Curves
6
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com