Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSB10 Datasheet(PDF) 8 Page - Clarke International

Part # CSB10
Description  SIPHON FEED SANDBLASTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSB10 Datasheet(HTML) 8 Page - Clarke International

Back Button CSB10 Datasheet HTML 4Page - Clarke International CSB10 Datasheet HTML 5Page - Clarke International CSB10 Datasheet HTML 6Page - Clarke International CSB10 Datasheet HTML 7Page - Clarke International CSB10 Datasheet HTML 8Page - Clarke International CSB10 Datasheet HTML 9Page - Clarke International CSB10 Datasheet HTML 10Page - Clarke International CSB10 Datasheet HTML 11Page - Clarke International CSB10 Datasheet HTML 12Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
OPERATION
USING YOUR SANDBLASTER
Connect your sandblasting gun to a compressor (minimum 3hp) via the 3/8”
hose adaptor located at the base of the handle.
Set the air pressure on your air compressor to 100 -150 psi.
1. Connect a air hose (sold separately) between your air compressor, and the
hose fitting on the sandblasting gun.
2. Make sure air hole located on the base of the abrasive tank is not covered.
3. Place the mesh filter on top of the drum and pour the blasting medium
through the filter into the drum (max 50 lbs)
4. Start compressor.
5. Check for leaks along all hoses and fittings. if leaks are found, turn off the
air compressor, disconnect the hose and repair immediately.
6. Point the sandblasting gun in a safe direction away from people, pets or
anything around you that may be damaged by direct or indirect abrasive
spray.
7. Press and hold the sandblasting gun trigger until abrasive media is flowing
through the nozzle.
TO STOP BLASTING
1. Release the trigger on the sandblasting gun.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com