Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC4735PA Datasheet(PDF) 2 Page - Semtron Microtech Corporation

Part # SMC4735PA
Description  Single P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation

SMC4735PA Datasheet(HTML) 2 Page - Semtron Microtech Corporation

  SMC4735PA Datasheet HTML 1Page - Semtron Microtech Corporation SMC4735PA Datasheet HTML 2Page - Semtron Microtech Corporation SMC4735PA Datasheet HTML 3Page - Semtron Microtech Corporation SMC4735PA Datasheet HTML 4Page - Semtron Microtech Corporation SMC4735PA Datasheet HTML 5Page - Semtron Microtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMC4735PA
SMC4735PA Rev.A2.1
Copyright © Semtron Microtech Corp.
www.semtron-micro.com
2
■ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise noted )
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Static Parameters
BVDSS
Drain-Source Breakdown Voltage VGS=0V, ID=-
250μA
-30
V
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=-
250μA
-1
-1.6
-2.5
V
IGSS
Gate Leakage Current
VDS=0V, VGS=±25V
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS=-30V, VGS=0V, TJ=25°C
1
μA
VDS=-24V, VGS=0V, TJ=75°C
10
RDS(ON)
Drain-source On-Resistance D
VGS=-10V, ID=-14.2A
VGS=-4.5V, ID=-10A
10
14
13
18
mΩ
Gfs
Forward Transconductance
VDS=-10V, ID=-10A
12.5
S
Diode Characteristics
VSD
Diode Forward Voltage D
IS=-1A,VGS=0V
-1
V
IS
Diode Continuous Forward Current
-45
A
trr
Reverse Recovery Time
IS=-10A, dl/dt=100A/
μs
13.8
ns
Qrr
Reverse Recovery Charge
12.3
nC
Dynamic and Switching Parameters E
Qg
Total Gate Charge
VDS=-15V, VGS=-10V
ID=-10A
36
48.6
nC
Qg
Total Gate Charge (4.5V)
18
24.3
Qgs
Gate-Source Charge
8.1
10.9
Qgd
Gate-Drain Charge
6.8
9.2
Ciss
Input Capacitance
VDS=-15V,VGS=0V, f=1MHz
2150
pF
Coss
Output Capacitance
298
Crss
Reverse Transfer Capacitance
135
Rg
Gate Resistance
VGS=0V, VDS=0V, F=1MHZ
8.8
Ω
td(on)
Turn-On Time
VDD=-15V, VGEN=-10V
RG=3.3
Ω, ID=-1A
7.7
15
nS
tr
57.8
129
td(off)
Turn-Off Time
57.5
109
tf
21.3
40
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
A.
Surface mounted on FR4 board using 1 in2 pad size.
B.
Pulsed width limited by maximum junction temperature, TJ(MAX)=150°C (initial temperature TJ=25°C).
C.
Using ≤ 10s junction-to-ambient thermal resistance is base on TJ(MAX)=150°C.
D.
Pulse test width ≤300μs and duty cycle ≤ 2%.
E.
Guaranteed by design, not subject to production testing.
The products and product specifications contained herein are subject to change without notice to improve performance
characteristics. Consult us, or our representatives before use, to confirm that the information in this datasheet is up to date
We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any
information and circuitry in this datasheet.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com