Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDPFF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LDPFF
Description  DISPLAYPORT FEMALE TO FEMALE ADAPTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LDPFF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LDPFF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
PIN ASSIGNMENT
CN1
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
SHELL
CN2
12
11
10
09
08
07
06
05
04
03
02
01
13
14
15
16
17
18
19
20
SHELL
1.04
26.4
1.61
40.8
.46
11.8
BLACK PVC
.634±.002
16.10±0.05
.187±.002
4.76±0.05
CN2
DISPLAYPORT FEMALE 20P
PIN: G/F
SHELL: G/F
PIN 19
PIN 1
PIN 2
PIN 20
.634±.002
16.10±0.05
.187±.002
4.76±0.05
CN1
DISPLAYPORT FEMALE 20P
PIN: G/F
SHELL: G/F
PIN 2
PIN 20
PIN 19
PIN 1
NOTES:
ELECTRICAL TEST:
1.
100% OPEN SHORT MISS WIRE TEST
1.
CONTACT RESISTANCE: 5 OHM MAX
2.
INSULATION RESISTANCE: 10M OHM MIN
3.
HI-POT TEST: DC 300V/10ms
4.
PASS 4K60HZ TEST
5.
COMPONENT SHALL BE TESTED FOR CONTINUITY.
2.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IAW L-COM
3.
SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
A
INITIAL RELEASE
08/29/2024
HBAKKE
GUTTADAURO
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
LDPFF
A
DISPLAYPORT FEMALE TO FEMALE ADAPTER
HBAKKE
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1


Similar Part No. - LDPFF

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LDPF0004-FC MA-COM-LDPF0004-FC Datasheet
92Kb / 2P
PINFET optical receiver modules
LDPF0004-FCR MA-COM-LDPF0004-FCR Datasheet
92Kb / 2P
PINFET optical receiver modules
LDPF0004-LC MA-COM-LDPF0004-LC Datasheet
92Kb / 2P
PINFET optical receiver modules
LDPF0004-LCR MA-COM-LDPF0004-LCR Datasheet
92Kb / 2P
PINFET optical receiver modules
LDPF0004-SC MA-COM-LDPF0004-SC Datasheet
92Kb / 2P
PINFET optical receiver modules
More results

Similar Description - LDPFF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3283 POMONA-3283 Datasheet
25Kb / 1P
Adapter BNC Female To Female
4284 POMONA-4284 Datasheet
112Kb / 1P
SMA Female To Female Adapter
4285 POMONA-4285 Datasheet
21Kb / 1P
Adapter, SMA, Female To Female
logo
Pasternack Enterprises,...
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
UHF Female to UHF Female Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
N Female to LC Female Adapter
PE9006 PASTERNACK-PE9006 Datasheet
474Kb / 3P
N Female to N Female Adapter
PE9070 PASTERNACK-PE9070 Datasheet
253Kb / 3P
SMA Female to SMA Female Adapter
logo
List of Unclassifed Man...
BU-P3283 ETC2-BU-P3283 Datasheet
191Kb / 1P
ADAPTER BNC FEMALE TO FEMALE
logo
Amphenol Corporation
SF1116-6083 AMPHENOL-SF1116-6083 Datasheet
109Kb / 1P
2.4mm FEMALE TO FEMALE BULKHEAD ADAPTER
1138-4025 AMPHENOL-1138-4025 Datasheet
92Kb / 1P
SMPS FEMALE TO FEMALE ADAPTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com