Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2865000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 2865000000
Description  BLZ 7.62/07/180B SN GN BX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2865000000 Datasheet(HTML) 1 Page - Weidmuller

  2865000000 Datasheet HTML 1Page - Weidmuller 2865000000 Datasheet HTML 2Page - Weidmuller 2865000000 Datasheet HTML 3Page - Weidmuller 2865000000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
BLZ 7.62/07/180B SN GN BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Female plugs with clamping-yoke screw wire-connect sys-
tem. The female plugs provide space for labelling and can
be coded.
General ordering data
 
Version
PCB plug-in connector, female plug, 7.62 mm,
Number of poles: 7, 180°, Clamping yoke connec-
tion, Clamping range, max. : 3.31 mm², Box
Order No.
2865000000
Type
BLZ 7.62/07/180B SN GN BX
GTIN (EAN)
4064675600497
Qty.
40 items
Product data
IEC: 800 V / 18.5 A / 0.2 - 2.5 mm²
UL: 300 V / 15 A / AWG 26 - AWG 12
Packaging
Box
 
 
Creation date 28.02.2026 01:58:01 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 2865000000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2865010 PHOENIX-2865010 Datasheet
106Kb / 6P
Power supply and error indication possible via DIN rail connector
logo
Weidmuller
2865010000 WEIDMULLER-2865010000 Datasheet
288Kb / 4P
BLZ 7.62/08/180B SN GN BX
2865020000 WEIDMULLER-2865020000 Datasheet
288Kb / 4P
BLZ 7.62/09/180B SN GN BX
logo
PHOENIX CONTACT
2865023 PHOENIX-2865023 Datasheet
89Kb / 6P
Direction of operation can be selected (operating or closed circuit current behavior)
logo
Weidmuller
2865030000 WEIDMULLER-2865030000 Datasheet
288Kb / 4P
BLZ 7.62/10/180B SN GN BX
More results

Similar Description - 2865000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1526660000 WEIDMULLER-1526660000 Datasheet
97Kb / 6P
BLZ 5.08/4 SN OR
1526810000 WEIDMULLER-1526810000 Datasheet
98Kb / 6P
BLZ 5.08/6 SN SW
1527010000 WEIDMULLER-1527010000 Datasheet
98Kb / 6P
BLZ 5.08/8 SN SW
1527410000 WEIDMULLER-1527410000 Datasheet
98Kb / 6P
BLZ 5.08/12 SN SW
1528610000 WEIDMULLER-1528610000 Datasheet
97Kb / 6P
BLZ 5.08/24 SN SW
1596080000 WEIDMULLER-1596080000 Datasheet
94Kb / 5P
BLZ 5.00/4 SN SW
1625620000 WEIDMULLER-1625620000 Datasheet
94Kb / 5P
BLZ 5.00/3 SN SW
2720470000 WEIDMULLER-2720470000 Datasheet
974Kb / 6P
BVDF 7.62HP/07/180SN BK BX
2720530000 WEIDMULLER-2720530000 Datasheet
1,011Kb / 6P
BVDF 7.62HP/07/180SF SN BK BX
2442340000 WEIDMULLER-2442340000 Datasheet
1Mb / 6P
OMNIMATE Signal - series BC/SC 3.81 BCZ 3.81/07/180LR SN OR BX
November 19, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com