Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIH3021 Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # CIH3021
Description  3 Lead Test Sets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CIH3021 Datasheet(HTML) 2 Page - Electronic Components Ltd.

  CIH3021 Datasheet HTML 1Page - Electronic Components Ltd. CIH3021 Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CIH3021
Fused Probes to 90° 4mm Plugs
(Red / Black / Green)
Length : 1.25m
3 x Screw Fit Croc Clips
Packed in plastic wallet
CIH3022
Fused Probes to 90° 4mm Plugs
(Red / Blue / Green)
Length : 1.25m
3 x Screw Fit Croc Clips
Packed in plastic wallet
CIH3006
Fused Probe to 90° 4mm Plugs
(Red / Black)
Length : 1.5m
Packed in plastic wallet
CIH3007
Fused Probe to 90° 4mm Plugs
(Red / Black)
Length : 1.5m
2 x Screw Fit Croc Clips
Packed in plastic wallet
CIH29890
Unfused Probe to 90° 4mm Plugs
(Red / Black)
Includes CAT III Probe Adaptors
Length : 1.5m
2 x Push Fit Croc Clips
Packed in plastic wallet
2 Lead Test Sets
For further information, contact: sales@cliffuk.co.uk
All Components conform to IEC 61010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com