Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV994AIDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSV994AIDT
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV994AIDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSV994AIDT Datasheet HTML 3Page - STMicroelectronics TSV994AIDT Datasheet HTML 4Page - STMicroelectronics TSV994AIDT Datasheet HTML 5Page - STMicroelectronics TSV994AIDT Datasheet HTML 6Page - STMicroelectronics TSV994AIDT Datasheet HTML 7Page - STMicroelectronics TSV994AIDT Datasheet HTML 8Page - STMicroelectronics TSV994AIDT Datasheet HTML 9Page - STMicroelectronics TSV994AIDT Datasheet HTML 10Page - STMicroelectronics TSV994AIDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TSV991-TSV992-TSV994
Electrical characteristics
7/18
Figure 1.
Input offset voltage distribution at
T= 25°C
Figure 2.
Input offset voltage distribution at
T= 125°C
°
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10
20
30
40
°
Input offset Voltage (mV)
Figure 3.
Supply current vs. input common
mode voltage at VCC=2.5V
Figure 4.
Supply current vs. input common
mode voltage at VCC=5V
Figure 5.
Output current vs. output voltage at
VCC= 2.5V
Figure 6.
Output current vs. output voltage at
VCC= 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com