Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTN110N20L2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IXTN110N20L2
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXTN110N20L2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IXTN110N20L2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXTN110N20L2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXTN110N20L2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
IXTN110N20L2
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
MIN
Typ
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage VGS= 0V; ID= 1mA
200
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 200V; VGS= 0V
--
--
50
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0V
--
--
±
200
nA
VGS(th)
Gate Threshold Voltage
VDS =VGS; ID= 0.25mA
2.0
--
5.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 55A
--
--
24
mΩ
VSD
Forward On-Voltage
IS= 55A; VGS= 0V
--
--
1.35
V
PACKAGE(UNIT:MM)
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com