Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PISTONTYPE Datasheet(PDF) 1 Page - NOSHOK, INC.

Part # PISTONTYPE
Description  Piston Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOSHOK [NOSHOK, INC.]
Direct Link  https://www.noshok.com/
Logo NOSHOK - NOSHOK, INC.

PISTONTYPE Datasheet(HTML) 1 Page - NOSHOK, INC.

  PISTONTYPE Datasheet HTML 1Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 2Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 3Page - NOSHOK, INC. PISTONTYPE Datasheet HTML 4Page - NOSHOK, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
39
NOSHOK,Inc. 1010 W. Bagley Road | Berea, OH 44017 | Ph 440.243.0888 | Fax 440.243.3472
Piston Type
1000
1000 SERIES
Differential Pressure Gauges
SPECIFICATIONS
Pressure ranges
0 psid to 5 psid through 0 psid to 110 psid
Max. working static pressure
Aluminum 3,000 psig; Stainless Steel 6,000 psig
Accuracy
±3/2/3% of full scale on rising pressure
Temperature ranges
(Including switch option)
Media -40 °F to 200 °F (-40 °C to 93 °C)
Ambient -40 °F to 200 °F (-40 °C to 93 °C)
Storage -40 °F to 200 °F (-40 °C to 93 °C)
Temperature ranges
(4-20 mA transmitter option)
Ambient -20 °F to 150 °F (-29 °C to 66 °C)
Measuring element
316 Stainless Steel and ceramic piston/magnet
O-ring material
NBR
Connection
1/4” NPT female, back connection
Sensor housing material
Clear anodized Aluminum
Case
Engineered plastic
Bezel
Engineered plastic
Lens
Shatter-resistant acrylic
Pointer
Balanced Aluminum, black finish
Dial
Aluminum, white background with black scale
Movement
Magnetic
Optional switch rating
SPDT, 3W, 0.25 Amp, 125 Vac/Vdc (standard) (switch adjustable range
of 15-95%). Other options available, consult factory.
APPLICATIONS
■
Heat exchangers
■
Filter monitoring
■
Flow indication
■
Level indication
• Simple, rugged, compact differential pressure gauge
• Ranges from 0 psid to 5 psid through 0 psid to 110 psid
• 2-1/2", 4-1/2" and 6" gauge sizes
• Engineered plastic gauge case
• Clear anodized Aluminum and 316 Stainless Steel wetted parts
WARNING: This product can expose you to chemicals including Lead and Nickel, which are known to the State of California to
cause cancer and birth defects or other reproductive harm. For more information go to www.P65Warnings.ca.gov


Similar Part No. - PISTONTYPE

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PIS150H TDK-PIS150H Datasheet
1Mb / 8P
PIS power inductors
September 2022
PIS150H-471M TDK-PIS150H-471M Datasheet
1Mb / 8P
PIS power inductors
September 2022
logo
List of Unclassifed Man...
PIS209S ETC-PIS209S Datasheet
105Kb / 2P
PYRO-ELECTIRIC INFRA RED SENSORS
logo
PULS GmbH
PISA11 PULS-PISA11 Datasheet
719Kb / 23P
PROTECTION MODULE 24V, 4 OUTPUTS
PISA11.CLASS2 PULS-PISA11.CLASS2 Datasheet
579Kb / 19P
PROTECTION MODULE 24V, 4 OUTPUTS
More results

Similar Description - PISTONTYPE

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DPZ-10-25-P-A-KF FESTO-DPZ-10-25-P-A-KF Datasheet
96Kb / 1P
Dual piston rod cylinder
DPZ-10-25-P-A-KF-S2 FESTO-DPZ-10-25-P-A-KF-S2 Datasheet
89Kb / 1P
Dual piston rod cylinder
8083959 FESTO-8083959 Datasheet
68Kb / 1P
Piston actuator
8083960 FESTO-8083960 Datasheet
69Kb / 1P
Piston actuator
8083961 FESTO-8083961 Datasheet
69Kb / 1P
Piston actuator
8083962 FESTO-8083962 Datasheet
68Kb / 1P
Piston actuator
8083963 FESTO-8083963 Datasheet
69Kb / 1P
Piston actuator
8083964 FESTO-8083964 Datasheet
70Kb / 1P
Piston actuator
8083965 FESTO-8083965 Datasheet
70Kb / 1P
Piston actuator
8083966 FESTO-8083966 Datasheet
69Kb / 1P
Piston actuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com