| Electronic Components Datasheet Search |
|
RPM3-914-17-RPS Datasheet(PDF) 12 Page - Radiometrix Ltd |
|
|
|||||||||||||||||||||||||||||
RPM3-914-17-RPS Datasheet(HTML) 12 Page - Radiometrix Ltd |
|
12 / 15 page ![]() Radiometrix Ltd. UHF FM Radio Packet Modem page 12 4.2 Remote Configuration Remote configuration of a RPM3 module is possible using the REMOTE command from within the configurator. The remote RPM3 unit should be on or in auto-standby mode. Initially the REMOTE command is used to enable and disable the ability to remotely configure a module, as described in section 3.2: User Configurable Command. Once remote configuration is enabled the REMOTE command is then used to issue configuration commands to a remote RPM3. The format for the remote command then becomes: REMOTE <SERIAL NUM> <COMMAND> <PARAMTER> The <SERIAL NUMBER> of the remote RPM3 must be known in order for the remote configuration request to be executed on the appropriate RPM3 module. The <COMMAND> to be executed can be any of the following: Baud 600,1200,2400,4800,9600,19200,38400,57600,115200 Unit 0 to 15 Site 0 to 7 Shdn on/off Flow hw/none Serdly 2 to 255 Retry 1 to 63 Strtmsg on/off The <PARAMETER> is optional, and if not specified the setting for that command is returned and displayed. 4.3 POINT-TO-MULTIPOINT The RPM3 can be used for point-to-multipoint communications. One module must be considered to be the master, which is used to address up to 15 remote units in any one site. During normal operation, the base unit can be set to address another unit dynamically by entering the configurator and using the ADDR command to change the unit address. Upon execution of this command, provided the parameters are correct, the configurator is exited immediately. A period (‘.’) is sent to the connected host device to indicate that the change has been registered and the RPM3 is now ready for communications to the new unit address. ADDR is very similar to the Unit command, except that ADDR does not update the stored EEPROM unit value. As the EEPROM has a limited number of write cycles, using ADDR for addressing multiple units in a point to multipoint network is recommended. Also, the ADDR command will exit the configurator immediately, which is required to resume communications very quickly. 4.4 BROADCAST MULTIDROP The RPM3 has a broadcast mutidrop mode which provides a mechanism for building a large networks. This mode of operation is determined by the configuration command keyword ACKMODE being set to OFF. In broadcast mutidrop mode, the RPM3 does not implement network layer functionality related to data packet routing, acknowledgement and retries. The connected host device should provide network layer functionality. The site code and unit address is still used by the radio modem when working in broadcast multidrop mode. For a given multipoint network all radio modems within a group must contain the same site code and unit address. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |