Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HCT160 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HCT160
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT160 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HCT160 Datasheet HTML 1Page - STMicroelectronics M54HCT160 Datasheet HTML 2Page - STMicroelectronics M54HCT160 Datasheet HTML 3Page - STMicroelectronics M54HCT160 Datasheet HTML 4Page - STMicroelectronics M54HCT160 Datasheet HTML 5Page - STMicroelectronics M54HCT160 Datasheet HTML 6Page - STMicroelectronics M54HCT160 Datasheet HTML 7Page - STMicroelectronics M54HCT160 Datasheet HTML 8Page - STMicroelectronics M54HCT160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
IEC LOGIC SYMBOL (HCT161)
IEC LOGIC SYMBOL (HCT160)
IEC LOGIC SYMBOL (HCT162)
IEC LOGIC SYMBOL (HCT163)
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
CLEAR
Master Reset
2
CLOCK
Clock Input (LOW to
HIGH, Edge-triggered)
3, 4, 5, 6
A, B, C, D
Data Inputs
7
ENABLE P
Count Enable Input
10
ENABLET
Count Enable Carry Input
9
LOAD
Parallel Enable Input
14, 13, 12,
11
QA to QD
Flip Flop Outputs
15
CARRY
OUTPUT
Terminal Count Output
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
M54/M74HCT160/161/162/163
2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com