Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STHS4257L Datasheet(PDF) 12 Page - STMicroelectronics

Part # STHS4257L
Description  IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS4257L Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STHS4257L Datasheet HTML 8Page - STMicroelectronics STHS4257L Datasheet HTML 9Page - STMicroelectronics STHS4257L Datasheet HTML 10Page - STMicroelectronics STHS4257L Datasheet HTML 11Page - STMicroelectronics STHS4257L Datasheet HTML 12Page - STMicroelectronics STHS4257L Datasheet HTML 13Page - STMicroelectronics STHS4257L Datasheet HTML 14Page - STMicroelectronics STHS4257L Datasheet HTML 15Page - STMicroelectronics STHS4257L Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical parameters
STHS4257A, STHS4257A1, STHS4257L, STHS4257L1
12/18
3
Electrical parameters
Over the full operating temperature range, unless otherwise noted. Specifications common
for both STHS4257x (=STHS4257A, STHS4257L) and STHS4257x1 (=STHS4257A1,
STHS4257L1) product families unless otherwise noted.
Table 5.
Electrical parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Maximum Operating Voltage
Input/supply voltage - with respect
to GND pin (1), (2), (3)
–57
V
Signature Range
–1.5
–9.5
V
Classification Range
–12.5
–21
V
UVLO Turn-On Voltage,
STHS4257x1
–34.8 –36.0 –37.2
V
UVLO Turn-On Voltage,
STHS4257x
–37.7 –39.2 –40.2
V
UVLO Turn-Off Voltage
–29.3 –30.5 –31.5
V
IIN ON
Supply Current when on
VIN = –48V, pins 5, 6, 7 floating
0.33
0.5
mA
IIN CLASS
Supply Current During
Classification
VIN = –17.5V, pins 2, 7 floating,
VOUT tied to GND
(4)
0.12
0.25
0.38
mA
ΔICLASS
Current Accuracy During
Classification
10mA < ICLASS < 40mA,
–12.5V
≤ VIN ≤ –21V (5)
±3.5
%
RSIGNATURE
Signature Resistance
–1.5V
≤ VIN ≤ –9.5V, VOUT tied to
GND, IEEE 802.3af 2-point
measurement (2), (6)
23.25
26.00
k
Ω
RINVALID
Invalid Signature Resistance
–1.5V
≤ VIN ≤ –9.5V, SIGDISA and
VOUT tied to GND, IEEE 802.3af
2-point measurement (2), (6), (7)
911.8
k
Ω
VIH
Signature Disable High Level
Input Voltage
With respect to VIN, high level
invalidates signature (7)
357
V
VIL
Signature Disable Low Level
Input Voltage
With respect to VIN, low level
enables signature (7)
0.45
V
RINPUT
Signature Disable Input
Resistance
With respect to VIN
100
k
Ω
VPG OUT
Power Good Output Low Voltage
IPG = 1mA, VIN = –48V, PWRGD
referenced to VIN
0.5
V
VPG TH RISE
(8) Power Good Trip Point, power
good signal going inactive
VIN = –48V, voltage between VIN
and VOUT, VOUT rising
2.7
3.0
3.3
V
IPG LEAK
Power Good Leakage Current
VPWRGD - VIN = 57V, PWRGD
MOSFET off, VPWRGD = VGND
(9)
1µA
RON
On-Resistance
I = 350mA, VIN = –48V, measured
from VIN to VOUT
0.72
1.0
Ω
IOUT LEAK
VOUT Pin Leakage Current
VIN = 0V, power MOSFET off,
VOUT = 57V
(10)
1µA
ILIMIT HIGH
Input Current Limit, High Level,
STHS4257x1
(normal operation mode)
VIN = –48V, VOUT = –43V
(11), (12)
0°C
≤ TA ≤ 70°C
–40°C
≤ TA ≤ 85°C
340
375
400
mA
330
375
400
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com