Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HCT245 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HCT245
Description  OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT245 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HCT245 Datasheet HTML 2Page - STMicroelectronics M54HCT245 Datasheet HTML 3Page - STMicroelectronics M54HCT245 Datasheet HTML 4Page - STMicroelectronics M54HCT245 Datasheet HTML 5Page - STMicroelectronics M54HCT245 Datasheet HTML 6Page - STMicroelectronics M54HCT245 Datasheet HTML 7Page - STMicroelectronics M54HCT245 Datasheet HTML 8Page - STMicroelectronics M54HCT245 Datasheet HTML 9Page - STMicroelectronics M54HCT245 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TEST CIRCUIT ICC (Opr.)
CPD CALCULATION
CPD is to be calculated with the following
formula by using the measured value of ICC
(Opr.) in the test circuit opposite.
CPD =
ICC
(Opr.)
f IN xVCC
In determining the value of CPD, a relatively
high frequency of 1 MHz was applied to fIN,in
orther to eliminate any error caused by the
quiescent supply current.
M54/M74HCT245/640/643
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com